Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9380 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9380
Description  TRIPLE HIGH-SIDE MOSFET DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9380 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9380 Datasheet HTML 4Page - STMicroelectronics L9380 Datasheet HTML 5Page - STMicroelectronics L9380 Datasheet HTML 6Page - STMicroelectronics L9380 Datasheet HTML 7Page - STMicroelectronics L9380 Datasheet HTML 8Page - STMicroelectronics L9380 Datasheet HTML 9Page - STMicroelectronics L9380 Datasheet HTML 10Page - STMicroelectronics L9380 Datasheet HTML 11Page - STMicroelectronics L9380 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
6
10121416
VS(V)
8
0
10
20
tCH
(ms)
68nF
33nF
10nF
D98AT396
Figure 8. Charge Loading Time as function of VS
(Vcp = 8V +VS)
717
27
VC(V)
0
50
100
ICP
(
µA)
D98AT397
7V
10V
12V
16V
Figure 9. Charge Pump Current as function of
the Charge Voltage
-15
-10
-5
VS(V)
-1000
-800
-600
-400
-200
IG
(
µA)
D98AT398
Figure 10. Ground Loss Protection Gate Dis-
carge Current for Source Voltage
01234
VI(V)
-20
-15
-10
-5
IC
(
µA)
D98AT399
Figure 11. Input Current as function of the Input
Voltage
24
24.5
25
25.5
VS(V)
20
30
VCH
(V)
D98AT400
Figure 12. Overvoltage Shutdown of the Charge
Pump with Hysteresis
TYPICAL CHARACTERISTICS
Depending on production spread, certain deviations may occure. For limits (see pag. 4)
L9380
8/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com