Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5203BCCZN-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5203BCCZN-R7
Description  DC to 12GHz, Differential, Nonreflective, Silicon SPDT Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5203BCCZN-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADRF5203BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Data Sheet
ADRF5203
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 15
Table 1. Electrical Specifications (Continued)
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Third-Order Intercept
IP3
100MHz to 10GHz, two-tone Input power = 15dBm each
tone, Δf = 1MHz
53
dBm
10GHz to 12GHz , two-tone input power = 15dBm each
tone, Δf = 1MHz
51
dBm
RF IMBALANCE
Amplitude
DC to 12GHz
<0.3
dB
Phase
DC to 12GHz
<8
Degrees
POWER SUPPLY REJECTION
PSRR
1MHz
Unfiltered
Without supply decoupling capacitors
>80
dB
Filtered
With supply decoupling capacitors, C1 = 10μF, C2 = 0.01μF,
C3 = 100pF
>140
dB
GROUP DELAY
tGD
100Ω differential, f = 12GHz
45
ps
SUPPLY CURRENTS
Positive
IDD
19
mA
Negative
ISS
18
mA
DIGITAL CONTROL INPUTS
CTRL, EN, and HIGHZ pins
Voltage
Low
VINL
0
0.8
V
High
VINH
1.2
3.3
V
Current
Low
IINL
<1
µA
High
IINH
<1
µA
RECOMMENDED OPERATING CONDITIONS
f = 100MHz to 10GHz, TCASE = 85°C, −8V < common-mode
voltage (VCM) < +8V
Supply Voltage
Positive
VDD
11.4
12.6
V
Negative
VSS
−12.6
−11.4
V
DC Input
Voltage Range
VDC
RFCP, RFCN, RF1P, RF1N, RF2P, and RF2N
−8
+8
V
Current Range
IDC
−160
+160
mA
Common-Mode Voltage Range
VCM
VCM1 and VCM2
−8
+8
V
RF Input Power 1,2,3,4
PIN
f = 100MHz to 10GHz, TCASE = 85°C, −8V < VCM < +8V
Through Path
RF signal is applied to RFC or through connected RFx
31
dBm
Terminated Path
RF signal is applied to unselected RFx (terminated within an
internal resistor)
Average
24
dBm
Peak5
31
dBm
Hot Switching
RF signal is applied to RFC or RFx while switching in
between RF1 and RF2.
24
dBm
Case Temperature
TCASE
−40
+105
°C
1 For power derating over frequency, see Figure 2 and Figure 3.
2 For power derating where a different DC voltage is applied for the selected and unselected RF channels, see Figure 4.
3 For the case where different DC voltages are applied at the positive and negative pins of the RF pair, see Figure 5.
4 For 105°C operation, the power handling degrades from the TCASE = 85°C specification by 3dB.
5 Peak is ≤100ns pulse duration and 5% duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com