Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5203BCCZN-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF5203BCCZN-R7
Description  DC to 12GHz, Differential, Nonreflective, Silicon SPDT Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5203BCCZN-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF5203BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Data Sheet
ADRF5203
THEORY OF OPERATION
analog.com
Rev. 0 | 13 of 15
POWER SUPPLY
The ADRF5203 requires a positive supply voltage applied to the
VDD pin, and a negative supply voltage applied to the VSS pin.
Bypassing capacitors are recommended on the supply lines to filter
high frequency noise.
The ideal power-up sequence is as follows:
1. Connect GND.
2. Power up VDD and VSS. Power up VSS after VDD to avoid
current transients on VDD during ramp up.
3. Power up the digital control inputs. The relative order of the log-
ic control inputs is not important. However, powering the digital
control inputs before the VDD supply can inadvertently forward
bias and damage the internal ESD protection structures.
4. Apply digital control inputs. The relative order of the control
inputs is not important. However, powering the digital control
inputs before the VDD supply can inadvertently forward bias and
damage the internal ESD protection structures. To avoid this
damage, use series 1kΩ resistors to limit the current flowing
into the control pins. Use pull-up or pull-down resistors if the
controllers are in a high impedance state after VDD is powered
up, and the control pins are not driven to a valid logic state.
The ideal power-down sequence is the reverse order of the power-
up sequence.
Table 6. Control Voltages Truth Table
Digital Control Inputs
RF Paths
EN
HIGHZ
CTRL
RFC to RF1
RFC to RF2
Low
Low
Low
Insertion loss
Isolation (terminated)
Low
Low
High
Isolation (terminated)
Insertion loss
Low
High
Low
Insertion loss
Isolation (reflective)
Low
High
High
Isolation (reflective)
Insertion loss
High
Low
Not applicable
Isolation (terminated)
Isolation (terminated)
High
High
Not applicable
Isolation (reflective)
Isolation (reflective)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com