Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5203BCCZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5203BCCZN-R7
Description  DC to 12GHz, Differential, Nonreflective, Silicon SPDT Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5203BCCZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5203BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Data Sheet
ADRF5203
DC to 12GHz, Differential, Nonreflective, Silicon SPDT Switch
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog Devices
for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change
without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered
trademarks are the property of their respective owners. All Analog Devices products contained herein are subject to release and availability.
FEATURES
Frequency range: DC to 12GHz
DC voltage range: ±8V
DC RON: <2.5Ω
Fully differential 100Ω design
Low insertion loss
0.65dB typical to 6GHz
0.9dB typical to 10GHz
1.1dB typical to 12GHz
High isolation (terminated mode)
>48 dB typical to 6GHz
>41 dB typical to 10GHz
>37 dB typical to 12GHz
High input linearity
P0.1dB: 33dBm typical
IP3: 51dBm typical
High power handling
31dBm through path
24dBm terminated path
On time: 1.9µs
0.1dB settling time: 3.2µs
All off state control
Termination control: 100Ω differential or high-Z (reflective)
22-terminal, 3mm × 3mm, RoHS-compliant, land grid array
(LGA) package
APPLICATIONS
Test instrumentation
Data converter interfaces
High data rate interfaces
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADRF5203 is a silicon, differential, SPDT switch. The
ADRF5203 operates from DC to 12GHz with an insertion loss of
better than 1.1dB and an isolation higher than 37dB. The device
has a DC input voltage range of ±8 V and RF input power handling
of differential 31dBm for through paths and 24dBm for terminated
paths.
The ADRF5203 operates with dual-supply voltages of ±12V. The
ADRF5203 employs complementary metal-oxide semiconductor
(CMOS)- and low voltage transistor logic (LVTTL)-compatible con-
trols. The ADRF5203 has an enable control to feature its all off
state function. The high-Z control selects the termination (100Ω or
high-Z) on the unselected RF channel.
The ADRF5203 comes in a 22-terminal, 3mm × 3mm, RoHS com-
pliant, land grid array (LGA) package and can operate from −40°C
to +105°C.


Similar Part No. - ADRF5203BCCZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5238 AD-ADRF5238 Datasheet
646Kb / 13P
High Isolation, Silicon SPDT, Nonreflective Switch, 0.1GHz to 13GHz
Rev. 0
ADRF5238BCRZN AD-ADRF5238BCRZN Datasheet
646Kb / 13P
High Isolation, Silicon SPDT, Nonreflective Switch, 0.1GHz to 13GHz
Rev. 0
ADRF5238BCRZN-R7 AD-ADRF5238BCRZN-R7 Datasheet
646Kb / 13P
High Isolation, Silicon SPDT, Nonreflective Switch, 0.1GHz to 13GHz
Rev. 0
ADRF5238BCRZN-RL AD-ADRF5238BCRZN-RL Datasheet
646Kb / 13P
High Isolation, Silicon SPDT, Nonreflective Switch, 0.1GHz to 13GHz
Rev. 0
ADRF5250 AD-ADRF5250 Datasheet
460Kb / 15P
0.1 GHz to 6 GHz Silicon SP5T Switch
6/2017-Revision 0
More results

Similar Description - ADRF5203BCCZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8038 AD-HMC8038 Datasheet
407Kb / 11P
High Isolation, Silicon SPDT, Nonreflective Switch, 0.1 GHz to 6.0 GHz
REV. A
ADRF5027 AD-ADRF5027 Datasheet
357Kb / 13P
Silicon SPDT Switch, Nonreflective
7/2018-Revision 0
ADRF5026 AD-ADRF5026 Datasheet
442Kb / 13P
Silicon SPDT Switch, Nonreflective,100 MHz to 44 GHz
9/2020-Rev. 0 to Rev. A
ADRF5019 AD-ADRF5019 Datasheet
338Kb / 12P
Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
8/2019-Revision 0
HMC347B AD-HMC347B Datasheet
208Kb / 10P
GaAs, SPDT Switch, Nonreflective, 0.1 GHz to 20 GHz
4/2020-Rev. D to Rev. E
HMC349ALP4CE AD-HMC349ALP4CE Datasheet
391Kb / 12P
High Isolation, Nonreflective, GaAs, SPDT Switch, 100 MHz to 4 GHz
1/2019-v02.0315 to Rev. B
HMC349AMS8G AD-HMC349AMS8G Datasheet
750Kb / 10P
High Isolation, Nonreflective, GaAs, SPDT Switch,100 MHz to 4 GHz
10/2019-Rev. E to Rev. F
ADRF5023 AD-ADRF5023 Datasheet
593Kb / 12P
Silicon SPDT Switch, Nonreflective , 9 kHz to 45 GHz
Rev. 0
HMC232A AD-HMC232A Datasheet
1Mb / 12P
GaAs, SPDT Switch, Nonreflective,100 MHz to 12 GHz
Rev. B
ADRF5022 AD-ADRF5022 Datasheet
711Kb / 12P
Silicon SPDT Switch, Nonreflective, 100 MHz to 45 GHz
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com