Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5203BCCZN-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF5203BCCZN-R7
Description  DC to 12GHz, Differential, Nonreflective, Silicon SPDT Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5203BCCZN-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF5203BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Data Sheet
ADRF5203
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 10 of 15
AMPLITUDE IMBALANCE, PHASE IMBALANCE, GROUP DELAY, EYE DIAGRAM, AND PSRR
VDD = 12V, VSS = −12V, CTRL, EN, and HIGHZ = 0V or 3.3V, and TCASE = 25°C, with a 100Ω differential system, unless otherwise noted.
Figure 18. Amplitude Imbalance vs. Frequency
Figure 19. Phase Imbalance vs. Frequency
Figure 20. Group Delay vs. Frequency
Figure 21. Eye Diagram, PRBS23, 12Gbps
Figure 22. PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com