Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5203BCCZN-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF5203BCCZN-R7
Description  DC to 12GHz, Differential, Nonreflective, Silicon SPDT Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5203BCCZN-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRF5203BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Data Sheet
ADRF5203
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 6 of 15
Figure 4. Maximum RF Power Derating vs. Frequency over VDC (Selected
Channel) − VDC (Unselected Channel), TCASE = 85°C
Figure 5. Maximum RF Power Derating vs. Frequency over Differential VDC
(VDC_DIFFERENTIAL) = (RFxP Pins VDC (VDC_RFxP) − RFxN Pins VDC (VDC_RFxN),
TCASE = 85°C, Where x Refers to Each RF Pair
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Charged device model (CDM) ratings are per ANSI/ESDA/JEDEC
JS-002.
ESD Ratings for the ADRF5203
Table 4. ADRF5203, 22-Terminal LGA
ESD Model Withstand Threshold (V)
Class
HBM
±500 for the RFCN, RFCP, RF1P, RF1N, RF2P, and
RF2N pins
1A
±1500 for the supply and digital control pins
1C
CDM
±500 for all pins
C2A
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged
devices and circuit boards can discharge without detection.
Although this product features patented or proprietary protec-
tion circuitry, damage may occur on devices subjected to high
energy ESD. Therefore, proper ESD precautions should be
taken to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com