Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5203BCCZN-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADRF5203BCCZN-R7
Description  DC to 12GHz, Differential, Nonreflective, Silicon SPDT Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5203BCCZN-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRF5203BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Data Sheet
ADRF5203
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 14 of 15
Figure 26 shows the external components and connections for
the ADRF5203. The VDD and VSS pins are decoupled with a
100pF, 0.01µF, and 10µF capacitors. The device pinout allows the
placement of the decoupling capacitors close to the device. The
VCMx pins can be decoupled to ground or biased with voltage
depending on the use case.
Figure 26. Recommended Schematic
RECOMMENDATIONS FOR PCB DESIGN
The ADRF5203 is designed to mate with 50Ω characteristic impe-
dance on each of the RF pins. The RF ports are matched to
differential 100Ω internally.
Figure 27 shows the reference coplanar waveguide (CPWG) RF
trace design for an RF substrate with 8mil thick, Rogers RO4003
dielectric material. The RF trace with a 14mil width and a 7mil
clearance is recommended for 1.5mil finished copper thickness.
Figure 27. Recommended Stack-Up
Figure 28 shows the routing of the RF traces, supply, and control
signals from the device. The ground planes are connected with
densely filled through vias for optimal RF and thermal performance.
The primary thermal path for the device is the bottom side.
Figure 28. PCB Layout
Figure 29 shows the recommended layout from the device RF
pins to the 50Ω CPWG on the referenced stack-up. PCB pads are
drawn 1:1 to device pads. The ground pads are drawn solder mask
defined, and the signal pads are drawn as pad defined. The RF
trace from the PCB pad is extended with the same width until the
package edge and tapered to the RF trace. The paste mask is
designed to match the device pads without any aperture reduction.
The paste mask is divided into multiple openings for the paddle.
Figure 29. Recommended RF Pin Transition
For alternate PCB stack-ups with different dielectric thickness and
RF trace design, contact Analog Devices, Inc., Technical Support
for further recommendations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com