Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5203BCCZN-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF5203BCCZN-R7
Description  DC to 12GHz, Differential, Nonreflective, Silicon SPDT Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5203BCCZN-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF5203BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Data Sheet
ADRF5203
THEORY OF OPERATION
analog.com
Rev. 0 | 12 of 15
The ADRF5203 integrates a driver to perform logic functions inter-
nally to provide the advantage of a simplified CMOS-/LVTTL-com-
patible control interfaces. The CTRL pin determines which RF port
is in the insertion loss state and in the isolation state. The EN pin
selects the all off state of the ADRF5203 . When the EN pin is at
logic high, both the RFC to RF1 and RFC to RF2 paths are in the
isolation state. The HIGHZ pin allows the user to choose between
100Ω or high-Z termination for the unselected channel. See Table 6
for the control voltage truth table.
DIFFERENTIAL RF INPUTS AND OUTPUTS
The ADRF5203 is a fully differential 100Ω design. The RF pins
are DC coupled. DC levels of all the RF lines are 0V when there
is no input. When RF1 is selected, RFCN is connected to RF1N,
and RFCP is connected to RF1P. When RF2 is selected, RFCN is
connected to RF2N and RFCP is connected to RF2P.
DC OPERATION
The RF ports are DC-coupled and can support a DC voltage range
of ±8V. Figure 25 shows the DC equivalent circuit for the selected
and unselected channels.
Figure 25. DC Equivalent Circuit
The VCM1 and VCM2 pins can be used to set or monitor the
DC common-mode voltage on the RF ports. The VCMx pins can
be left floating or can be decoupled to ensure a low impedance
common-mode AC ground.
The VCMx pins are internally connected to the RF ports via high
impedance, see Figure 25. When the input signal is driven DC-cou-
pled from the RFC port or the RFx port, the selected RFx port
follows the input signal;therefore, VCM is set by the input signal.
The VCM on the unselected channel can be set via the VCMx
pins. This feature can be used to match the DC level of connected
circuitry. The VCM on the selected channel can also be set at the
VCMx pins if the input signal is AC-coupled.
Power derating must be applied in applications where the common-
mode voltage of selected and unselected channels differ by more
than 8V, see Figure 4.
RF POWER HANDLING
The RF power handling of the ADRF5203 derates over frequencies
below 100 MHz and derating is dependent on the applied DC
voltage . See Figure 3 for power derating towards lower frequencies
for different DC input voltages. For low frequency operation, the
device ensures a constant RON on the selected channel.
For frequencies higher than 100MHz, both the maximum DC volt-
age and maximum RF power can be applied at the same time. See
Figure 2 for power derating frequencies higher than 10GHz.
For use cases where different common-mode DC voltages are
applied at the selected and unselected RF channels, apply the
power derating shown in Figure 4.
The ADRF5203 is designed as bidirectional with equal power han-
dling capabilities on RFC and RFx ports. Either port can be used as
an input or as output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com