Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5203BCCZN-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF5203BCCZN-R7
Description  DC to 12GHz, Differential, Nonreflective, Silicon SPDT Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5203BCCZN-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADRF5203BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5203BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Data Sheet
ADRF5203
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 5 of 15
For recommended operating conditions, see Table 1.
Table 2. Absolute Maximum Ratings
Parameter
Rating
Supply Voltage
Positive
−0.3V to +13.2V
Negative
−13.2V to +0.3V
Digital Control Inputs 1
Voltage
−0.3V to +3.6V
Current
3mA
RF Input Power 2, 3 (VDD = 12V, VSS = −12V, f =
100MHz to 10GHz, TCASE = 85°C4)
Through Path
31.5dBm
Terminated Path
Average
24.5dBm
Peak5
31.5dBm
Hot Switching
24.5dBm
RF Input Power, Unbiased (VDD and VSS = 0V) 30.5dBm
Temperature
Junction, TJ
135°C
Storage Range
−65°C to +150°C
Reflow
260°C
1 Overvoltages at digital control inputs are clamped by internal diodes. Current
must be limited to the maximum rating given.
2 For power derating over frequency, see Figure 2 and Figure 3.
3 For power derating over DC voltages, see Figure 4 and Figure 5.
4 For 105°C operation, the power handling degrades from the TCASE = 85°C
specification by 3dB.
5 Peak is ≤100ns pulse duration and 5% duty cycle.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJC is the junction to case bottom (channel to package bottom)
thermal resistance.
Table 3. Thermal Resistance
Package Type
θJC1
Unit
CC-22-5
Through Path
49
°C/W
Terminated Path
72
°C/W
1 θJC was determined by simulation under the following conditions: the heat
transfer is due solely to thermal conduction from the channel through the
round pad to the PCB, and the ground pad is held constant at the operating
temperature of 85°C.
POWER DERATING CURVES
Figure 2. Maximum RF Power Derating vs. Frequency, TCASE = 85°C
Figure 3. Maximum RF Power Derating vs. Frequency over VDC, TCASE = 85°C
(Low Frequency)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com