Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE10-VMP6TP Datasheet(PDF) 33 Page - Numonyx B.V

Part # M45PE10-VMP6TP
Description  1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE10-VMP6TP Datasheet(HTML) 33 Page - Numonyx B.V

Back Button M45PE10-VMP6TP Datasheet HTML 29Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 30Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 31Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 32Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 33Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 34Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 35Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 36Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 37Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
M45PE10
Power-up and power-down
33/47
Figure 18.
Power-up timing
Table 6.
Power-up timing and VWI threshold
Symbol
Parameter
Min.
Max.
Unit
tVSL
(1)
1.
These parameters are characterized only, over the temperature range –40 °C to +85 °C.
VCC(min) to S low
30
µs
tPUW
(1)
Time delay before the first write, program or erase instruction
1
10
ms
VWI
(1)
Write inhibit voltage
1.5
2.5
V
VCC
AI04009C
VCC(min)
VWI
Reset state
of the
device
Chip selection not allowed
Program, erase and write commands are rejected by the device
tVSL
tPUW
time
Read access allowed
Device fully
accessible
VCC(max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com