Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE10-VMP6TP Datasheet(PDF) 20 Page - Numonyx B.V

Part # M45PE10-VMP6TP
Description  1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE10-VMP6TP Datasheet(HTML) 20 Page - Numonyx B.V

Back Button M45PE10-VMP6TP Datasheet HTML 16Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 17Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 18Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 19Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 20Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 21Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 22Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 23Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 24Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
Instructions
M45PE10
20/47
Figure 8.
Read identification (RDID) instruction sequence and data-out sequence
1.
The unique ID code is available only in the T9HX process (see Important note on page 6).
6.4
Read status register (RDSR)
The read status register (RDSR) instruction allows the status register to be read. The status
register may be read at any time, even while a program, erase or write cycle is in progress.
When one of these cycles is in progress, it is recommended to check the write in progress
(WIP) bit before sending a new instruction to the device. It is also possible to read the status
register continuously, as shown in Figure 9.
The status bits of the status register are as follows:
6.4.1
WIP bit
The write in progress (WIP) bit indicates whether the memory is busy with a write, program
or erase cycle. When set to ‘1’, such a cycle is in progress, when reset to ‘0’ no such cycle is
in progress.
6.4.2
WEL bit
The write enable latch (WEL) bit indicates the status of the internal write enable latch. When
set to ‘1’ the internal write enable latch is set, when set to ‘0’ the internal write enable latch is
reset and no write, program or erase instruction is accepted.
C
D
S
2
13
456789 10 11 12 13 14 15
Instruction
0
AI06809c
Q
Manufacturer identification
High Impedance
MSB
Device identification
MSB
15 14 13
3
2
1
0
16 17 18
28 29 30 31
MSB
UID
Table 5.
Status register format
b7
b0
0
0
0
0
0
0
WEL (1)
1.
WEL and WIP are volatile read-only bits (WEL is set and reset by specific instructions; WIP is
automatically set and reset by the internal logic of the device).
WIP(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com