Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE10-VMP6TP Datasheet(PDF) 35 Page - Numonyx B.V

Part # M45PE10-VMP6TP
Description  1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE10-VMP6TP Datasheet(HTML) 35 Page - Numonyx B.V

Back Button M45PE10-VMP6TP Datasheet HTML 31Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 32Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 33Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 34Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 35Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 36Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 37Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 38Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 39Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
M45PE10
DC and AC parameters
35/47
10
DC and AC parameters
This section summarizes the operating and measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristic tables that
follow are derived from tests performed under the measurement conditions summarized in
the relevant tables. Designers should check that the operating conditions in their circuit
match the measurement conditions when relying on the quoted parameters.
1.
Output Hi-Z is defined as the point where data out is no longer driven.
Figure 19.
AC measurement I/O waveform
Table 8.
Operating conditions
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
2.7
3.6
V
TA
Ambient operating temperature
–40
85
°C
Table 9.
AC measurement conditions
Symbol
Parameter
Min.
Max.
Unit
CL
Load capacitance
30
pF
Input rise and fall times
5
ns
Input pulse voltages
0.2VCC to 0.8VCC
V
Input and output timing reference voltages
0.3VCC to 0.7VCC
V
Table 10.
Capacitance(1)
1.
Sampled only, not 100% tested, at TA=25 °C and a frequency of 33 MHz.
Symbol
Parameter
Test condition
Min.
Max.
Unit
COUT
Output capacitance (Q)
VOUT = 0 V
8
pF
CIN
Input capacitance (other pins)
VIN = 0 V
6
pF
AI00825B
0.8VCC
0.2VCC
0.7VCC
0.3VCC
Input and output
timing reference levels
Input levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com