Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE10-VMP6TP Datasheet(PDF) 45 Page - Numonyx B.V

Part # M45PE10-VMP6TP
Description  1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE10-VMP6TP Datasheet(HTML) 45 Page - Numonyx B.V

Back Button M45PE10-VMP6TP Datasheet HTML 39Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 40Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 41Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 42Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 43Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 44Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 45Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 46Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 47Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
M45PE10
Ordering information
45/47
12
Ordering information
For a list of available options (speed, package, etc.), for further information on any aspect of
this device or when ordering parts operating at 75 MHz (0.11 µm technology, process digit
‘4’), please contact your nearest Numonyx sales office.
Table 18.
Ordering information scheme
Example:
M45PE10
–
V
MP 6
T
G
Device type
M45PE = serial flash memory for data storage
Device function
10 = 1-Mbit (128 Kbit × 8)
Operating voltage
V = VCC = 2.7 V to 3.6 V
Package
MN = SO8 (150 mil width)
MP = VDFPN8 6 × 5 mm (MLP8)
Device grade
6 = Industrial temperature range, –40 to 85 °C.
Device tested with standard test flow
Option
blank = standard packing
T = tape and reel packing
Plating technology
P or G = ECOPACK® (RoHS compliant)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com