Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE10-VMP6TP Datasheet(PDF) 26 Page - Numonyx B.V

Part # M45PE10-VMP6TP
Description  1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE10-VMP6TP Datasheet(HTML) 26 Page - Numonyx B.V

Back Button M45PE10-VMP6TP Datasheet HTML 22Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 23Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 24Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 25Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 26Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 27Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 28Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 29Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 30Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
Instructions
M45PE10
26/47
6.8
Page program (PP)
The page program (PP) instruction allows bytes to be programmed in the memory (changing
bits from 1 to 0, only). Before it can be accepted, a Write Enable (WREN) instruction must
previously have been executed. After the write enable (WREN) instruction has been
decoded, the device sets the write enable latch (WEL).
The page program (PP) instruction is entered by driving Chip Select (S) Low, followed by the
instruction code, three address bytes and at least one data byte on serial data input (D). If
the 8 least significant address bits (A7-A0) are not all zero, all transmitted data exceeding
the addressed page boundary wrap round, and are programmed from the start address of
the same page (the one whose 8 least significant address bits (A7-A0) are all zero). Chip
Select (S) must be driven Low for the entire duration of the sequence.
The instruction sequence is shown in Figure 13.
If more than 256 bytes are sent to the device, previously latched data are discarded and the
last 256 data bytes are guaranteed to be programmed correctly within the same page. If less
than 256 data bytes are sent to device, they are correctly programmed at the requested
addresses without having any effects on the other bytes of the same page.
For optimized timings, it is recommended to use the page program (PP) instruction to
program all consecutive targeted bytes in a single sequence versus using several page
program (PP) sequences with each containing only a few bytes (see Table 14: AC
characteristics (50 MHz operation) and Table 15: AC characteristics (75 MHz operation,
T9HX (0.11 µm) process)).
Chip Select (S) must be driven High after the eighth bit of the last data byte has been
latched in, otherwise the page program (PP) instruction is not executed.
As soon as Chip Select (S) is driven High, the self-timed page program cycle (whose
duration is tPP) is initiated. While the page program cycle is in progress, the status register
may be read to check the value of the write in progress (WIP) bit. The write in progress
(WIP) bit is 1 during the self-timed page program cycle, and is 0 when it is completed. At
some unspecified time before the cycle is complete, the write enable latch (WEL) bit is reset.
A page program (PP) instruction applied to a page that is hardware protected is not
executed.
Any page program (PP) instruction, while an erase, program or write cycle is in progress, is
rejected without having any effects on the cycle that is in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com