Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE10-VMP6TP Datasheet(PDF) 46 Page - Numonyx B.V

Part # M45PE10-VMP6TP
Description  1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE10-VMP6TP Datasheet(HTML) 46 Page - Numonyx B.V

Back Button M45PE10-VMP6TP Datasheet HTML 39Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 40Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 41Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 42Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 43Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 44Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 45Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 46Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 47Page - Numonyx B.V  
Zoom Inzoom in Zoom Outzoom out
 46 / 47 page
background image
Revision history
M45PE10
46/47
13
Revision history
Table 19.
Document revision history
Date
Version
Changes
29-Apr-2003
1.0
Initial release.
04-Jun-2003
1.1
Description corrected of entering hardware protected mode (W must be
driven, and cannot be left unconnected).
04-Dec-2003
1.2
VIO(min) extended to –0.6 V, tPW(typ) and tPP(typ) improved. Table of
contents, warning about exposed paddle on MLP8, and lead-free
options added. Change of naming for VDFPN8 package.
25-Jun-2004
1.3
Soldering temperature information clarified for RoHS compliant devices.
Device grade clarified.
22-Sep-2004
2.0
Document promoted to preliminary data. Minor wording changes
08-Oct-2004
3.0
Document promoted to mature datasheet. No other changes
4-Oct-2005
4.0
Added AC characteristics (33 MHz operation). An easy way to modify
data, A fast way to modify data, Page write (PW) and Page program
(PP) sections updated to explain optimal use of page write and page
program instructions. Updated ICC3 values in Table 11: DC
characteristics. Updated Table 18: Ordering information scheme. Added
ECOPACK® information.
02-Feb-2007
5
Document reformatted. 50 MHz frequency added (Table 14 added).
VCC supply voltage and VSS ground descriptions added.
Figure 4: SPI modes supported modified and explanatory text added.
VIO max modified in Table 7: Absolute maximum ratings.
At power-up, The write in progress (WIP) bit is reset
tSHQZ end timing line modified in Figure 22: Output timing.
Blank option removed below Plating technology in Table 18: Ordering
information scheme. Small text changes.
Package specifications updated (see Section 11: Package mechanical).
21-Feb-2008
6
Removed ‘low voltage’ from the title.
Updated the value for the maximum clock frequency (from 50 to
75 MHz) through the document.
Added: Table 15: AC characteristics (75 MHz operation, T9HX (0.11
µm) process) and ECOPACK® text in Section 11: Package mechanical.
Modified: Table 11: DC characteristics, Figure 3: Bus master and
memory devices on the SPI bus, and Section 6.3: Read identification
(RDID).
Minor text changes.
01-Apr-2008
7
Applied Numonyx branding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com