Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE10-VMP6TP Datasheet(PDF) 31 Page - Numonyx B.V

Part # M45PE10-VMP6TP
Description  1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE10-VMP6TP Datasheet(HTML) 31 Page - Numonyx B.V

Back Button M45PE10-VMP6TP Datasheet HTML 27Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 28Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 29Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 30Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 31Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 32Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 33Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 34Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 35Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
M45PE10
Instructions
31/47
6.12
Release from deep power-down (RDP)
Once the device has entered the deep power-down mode, all instructions are ignored
except the release from deep power-down (RDP) instruction. Executing this instruction
takes the device out of the deep power-down mode.
The release from deep power-down (RDP) instruction is entered by driving Chip Select (S)
Low, followed by the instruction code on Serial Data input (D). Chip Select (S) must be
driven Low for the entire duration of the sequence.
The instruction sequence is shown in Figure 17.
The release from deep power-down (RDP) instruction is terminated by driving Chip Select
(S) High. Sending additional clock cycles on Serial Clock (C), while Chip Select (S) is driven
Low, cause the instruction to be rejected, and not executed.
After Chip Select (S) has been driven High, followed by a delay, tRDP, the device is put in the
Standby Power mode. Chip Select (S) must remain High at least until this period is over. The
device waits to be selected, so that it can receive, decode and execute instructions.
Any release from deep power-down (RDP) instruction, while an erase, program or write
cycle is in progress, is rejected without having any effects on the cycle that is in progress.
Figure 17.
Release from deep power-down (RDP) instruction sequence
C
D
AI06807
S
2
1
34567
0
tRDP
Standby mode
Deep power-down mode
Q
High Impedance
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com