Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE10-VMP6TP Datasheet(PDF) 10 Page - Numonyx B.V

Part # M45PE10-VMP6TP
Description  1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE10-VMP6TP Datasheet(HTML) 10 Page - Numonyx B.V

Back Button M45PE10-VMP6TP Datasheet HTML 6Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 7Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 8Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 9Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 10Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 11Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 12Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 13Page - Numonyx B.V M45PE10-VMP6TP Datasheet HTML 14Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
SPI modes
M45PE10
10/47
3
SPI modes
These devices can be driven by a microcontroller with its SPI peripheral running in either of
the two following modes:
●
CPOL=0, CPHA=0
●
CPOL=1, CPHA=1
For these two modes, input data is latched in on the rising edge of Serial Clock (C), and
output data is available from the falling edge of Serial Clock (C).
The difference between the two modes, as shown in Figure 4, is the clock polarity when the
bus master is in standby mode and not transferring data:
●
C remains at 0 for (CPOL=0, CPHA=0)
●
C remains at 1 for (CPOL=1, CPHA=1)
Figure 3.
Bus master and memory devices on the SPI bus
1.
The Write Protect (W) signal should be driven, High or Low as appropriate.
Figure 3 shows an example of three devices connected to an MCU, on an SPI bus. Only one
device is selected at a time, so only one device drives the serial data output (Q) line at a
time, the other devices are high impedance.
The pull-up resistor R (represented in Figure 3) ensures that no device is selected if the bus
master leaves the S line in the high impedance state.
In applications where the bus master might enter a state where all inputs/outputs SPI lines
are in high impedance at the same time (for example, if the bus master is reset during the
transmission of an instruction), the Clock line (C) must be connected to an external pull-
down resistor so that, if all inputs/outputs become high impedance, the C line is pulled Low
(while the S line is pulled High). This ensures that S and C do not become High at the same
time, and so, that the tSHCH requirement is met.
AI12836c
SPI bus master
SPI memory
device
SDO
SDI
SCK
CQD
S
SPI memory
device
CQD
S
SPI memory
device
CQD
S
CS3
CS2 CS1
SPI interface with
(CPOL, CPHA) =
(0, 0) or (1, 1)
W
Reset
W
W
Reset
RR
R
VCC
VCC
VCC
VCC
VSS
VSS
VSS
VSS
R
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com