Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR01 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # PR01
Description  POWER RESISTOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PR01 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button PR01 Datasheet HTML 5Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 6Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 7Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 8Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 9Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 10Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 11Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 12Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Phoenix Passive Components
PR01
PHOENIX DO BRASIL LTDA
Revision on 2003/12/21
All rights are reserved . Reproduction whole or in
Page 11 of 13
part is prohibited without the written consent of the copyright owner.
TAPE ON REEL
Table 7. Reel.
PRODUCT
TAPING
M
N
P
Q
V
R
QTY
pcs
PR01
52.0 + 1.5 / - 0.0
(2.05 + 0.06 / - 0.00)
92
(3.7)
311
(12.3)
311
(12.3)
305
(12.1)
75
(3.0)
86
(3.4)
5000
Dimensions unless specified in mm (inches)
TESTS AND REQUIREMENTS
Essentially all tests are carried out in accordance to the schedule of IEC publications 60115 – 1, category
55/155/56 (rated temperature range - 55 to +155 °C; damp heat, long term, 56 days and along the lines of
IEC publications 60068-2); “Recommended basic climatic and mechanical robustness testing procedure for
electronic components” and under standard atmosphere conditions according to IEC 60068-1 subclause 5.3,
unless otherwise specified.
In some instances deviations from IEC applications were necessary for our method specified.
Table 8. Test and requirements.
REQUIREMENTS
IEC
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
PR01 5%
PR01 1%
4.6.1.1
-
Insulation resistance
500 V (DC) during 1 minute;
V-block method.
Rins min 10
4 MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com