Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR01 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PR01
Description  POWER RESISTOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PR01 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PR01 Datasheet HTML 1Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 2Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 3Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 4Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 5Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 6Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 7Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 8Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Phoenix Passive Components
PR01
PHOENIX DO BRASIL LTDA
Revision on 2003/12/21
All rights are reserved . Reproduction whole or in
Page 4 of 13
part is prohibited without the written consent of the copyright owner.
ELECTRICAL CHARACTERISTICS
DERATING
The power that the resistor can dissipate depends on the operating temperature.
Fig. 2. Maximum dissipation (Pmax) in percentage of rated power as a function of ambient temperature (Tamb)
APPLICATION INFORMATION
Hot spot
Solder spot
Fig. 3.
φ 0.58 mm Cu – leads
Hot spot temperature rise (
∆T) as a function
of dissipated power
Fig. 4.
φ 0.58 mm Cu - leads
Minimum distance from resistor body to PCB =1mm
Temperature rise (
∆T) at the lead end (solder spot)
as a function of dissipated power at various leads
lengths after mounting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com