Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR01 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PR01
Description  POWER RESISTOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PR01 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PR01 Datasheet HTML 1Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 2Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 3Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 4Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 5Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 6Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 7Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 8Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Phoenix Passive Components
PR01
PHOENIX DO BRASIL LTDA
Revision on 2003/12/21
All rights are reserved . Reproduction whole or in
Page 2 of 13
part is prohibited without the written consent of the copyright owner.
TECHNOLOGY
A homogeneous film of metal alloy is deposited on a high-grade ceramic body. After a helical groove has
been cut in the resistive layer, tinned connecting wires of electrolytic copper or copper-clad iron are welded
to the end-caps. The resistors are coated with a red, non-flammable lacquer, which provides electrical,
mechanical and climatic protection. The encapsulation is resistant to all cleaning solvents in accordance with
MIL-STD-202, method 215 and IEC 60068-2-45.
QUICK REFERENCE DATA
PR01
±5%
(E24 series)
PR01
±1%
(E24/E96 series)
DESCRIPTION
Cu / FeCu lead
Resistance range
0.22
Ω - 1 MΩ
1
Ω - 1 MΩ
Maximum dissipation at Tamb = 70 °C
1 W
Thermal resistance (Rth)
135 K/W
Limiting voltage (DC or RMS)
350 V
Rated voltage
(1)
Pn x R
Temperature coefficient
≤ ±250 ppm/°C
Basic specification
IEC 60115-1 and 60115-4
Climatic category (IEC 60068)
55/155/56
Stability ∆R/Rmax after:
Load
±5% + 0.1 Ω
±1% + 0.1 Ω
Climatic tests
±3% + 0.1 Ω
±1% + 0.1 Ω
Resistance to soldering heat
±1% + 0.05 Ω
±0.5% + 0.05 Ω
(1) Maximum rated voltage is the limiting voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com