Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR01 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # PR01
Description  POWER RESISTOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PR01 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button PR01 Datasheet HTML 5Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 6Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 7Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 8Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 9Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 10Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 11Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 12Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Phoenix Passive Components
PR01
PHOENIX DO BRASIL LTDA
Revision on 2003/12/21
All rights are reserved . Reproduction whole or in
Page 9 of 13
part is prohibited without the written consent of the copyright owner.
Table 3. Last digit of ordering code.
RESISTANCE DECADE (5%)
RESISTANCE DECADE (1%)
LAST DIGIT
0.22 - 0.91
Ω
-
7
1 – 9.1
Ω
1 - 9.76
Ω
8
10 - 91
Ω
10 - 97.6
Ω
9
100 - 910
Ω
100 - 976
Ω
1
1 – 9.1 k
Ω
1 - 9.76 k
Ω
2
10 - 91 k
Ω
10 - 97.6 k
Ω
3
100 - 910 k
Ω
100 - 976 k
Ω
4
1 M
Ω
1 M
Ω
5
Example:
PR01, 150
Ω, ±5%, ammopack 1000 pcs is 2306 197 53151
NAFTA ORDERING INFORMATION
Table 4. NAFTA ordering code.
LEAD
∅
TOL
TAPING
QTY
pcs
PACKAGING
NAFTA
ORDERING CODE
5000
REEL
5073NWxxxxxJ12AFX
1000
AMMOPACK
5073NWxxxxxJA8AFX
±5%
5000
AMMOPACK
5073NWxxxxxJ18AFX
5000
AMMOPACK
5073NWxxxxxF18AF5
1000
AMMOPACK
5073NWxxxxxFA8AF5
0.58 Cu
(0.023)
±1%
52.0
(2.05)
5000
REEL
5073NWxxxxxF12AF5
Dimensions unless specified in mm (inches)
The ohmic value in the NAFTA ordering code (see table 4) is represented by the “xxxxx” in the middle of the
above ordering code. Table 5 gives some examples how to use these 5 digits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com