Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR01 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # PR01
Description  POWER RESISTOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PR01 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button PR01 Datasheet HTML 5Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 6Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 7Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 8Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 9Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 10Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 11Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 12Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Phoenix Passive Components
PR01
PHOENIX DO BRASIL LTDA
Revision on 2003/12/21
All rights are reserved . Reproduction whole or in
Page 13 of 13
part is prohibited without the written consent of the copyright owner.
REQUIREMENTS
IEC
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
PR01 5%
PR01 1%
Rins min 10
3 MΩ
4.24
3(Ca)
Damp heat
(steady state)
56 days; 40 °C; 90 to 95% R.H.
loaded with 0.01Pn
∆R/Rmax
±3% + 0.05 Ω
∆R/Rmax
±1% + 0.05 Ω
4.25.1
-
Endurance
(at 70 °C)
1000 h loaded with Pn or Vmax
1.5 h ON and 0.5 h OFF
∆R/Rmax
±5% + 0.05 Ω
∆R/Rmax
±1% + 0.05 Ω
4.29
45(Xa)
Component solvent
resistance
Isopropyl alcohol followed by
brushing in accordance with
MIL STD 202
No visible damage
See 2
nd amendment to
IEC 60115-1
Pulse Load
See figs. 9 and 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com