Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR01 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # PR01
Description  POWER RESISTOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PR01 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button PR01 Datasheet HTML 4Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 5Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 6Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 7Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 8Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 9Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 10Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 11Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Phoenix Passive Components
PR01
PHOENIX DO BRASIL LTDA
Revision on 2003/12/21
All rights are reserved . Reproduction whole or in
Page 8 of 13
part is prohibited without the written consent of the copyright owner.
MARKING
The nominal resistance and tolerance are marked on the resistor using four or five colored bands in
accordance with IEC publication 60062 “color code for fixed resistors”. Standard values of nominal
resistance are taken from the E24/E96 series for resistors with a tolerance of ±5% or
±1%. The values of the
E24/E96 series are in accordance with IEC publication 60063.
ORDERING INFORMATION
Table 2. Ordering code.
LEAD
∅
TOL
TAPING
QTY
pcs
PACKAGING
ORDERING
CODE
REEL
2306 191 5xxxx
5000
AMMOPACK
2322 196 1xxxx
±1%
AMMOPACK
2306 191 2xxx
1000
AMMOPACK
2306 197 53xxx
AMMOPACK
2322 193 14xxx
0.58 Cu
(0.023)
±5%
52.0
(2.05)
5000
REEL
2306 197 23xxx
Dimensions unless specified in mm (inches)
The resistors have a 12 digit ordering code starting with 2306 or 2322.
The next 5 digits indicate the resistor type and packaging see table 2.
For 5% tolerance the last 3 digits indicate the resistance value:
- The first 2 digits indicate the resistance value;
- The last digit indicates the resistance decade in accordance with table 3.
For 1% tolerance the last 4 digits indicate the resistance value:
- The first 3 digits indicate the resistance value;
- The last digit indicates the resistance decade in accordance with table 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com