Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR01 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # PR01
Description  POWER RESISTOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PR01 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button PR01 Datasheet HTML 5Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 6Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 7Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 8Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 9Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 10Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 11Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 12Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Phoenix Passive Components
PR01
PHOENIX DO BRASIL LTDA
Revision on 2003/12/21
All rights are reserved . Reproduction whole or in
Page 12 of 13
part is prohibited without the written consent of the copyright owner.
REQUIREMENTS
IEC
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
PR01 5%
PR01 1%
4.7
-
Voltage proof on
insulation
500 V (RMS) during 1 minute,
V-block method.
No breakdown
or flashover
4.8
-
Temperature
coefficient
Between
- 55 °C and + 155 °C
≤ ±250 ppm/°C
4.16
21(U)
Robustness of
terminations:
4.16.2
21(Ua1)
Tensile all samples
Load 10 N, 10s
4.16.3
21(Ub)
Bending half number of
samples
Load 5 N, 4 X 90°
4.16.4
21(Uc)
Torsion other
half of samples
3 x 360° in opposite directions
No damage
∆R/Rmax ±0.5% + 0.05 Ω
4.17
20(Ta)
Solderability
(after ageing)
16 h 155 °C; immersed in flux
600, leads immersed 2 mm for
2 ±0.5 s in a solder bath at
235 ±5 °C
Good tinning
(
≥ 95% covered)
No damage
4.18
20(Tb)
Resistance to
soldering heat
Thermal shock: 3 s; 350 ±10 °C;
6 mm from body
∆R/Rmax
±1% + 0.05 Ω
∆R/Rmax
±0.5% + 0.05 Ω
No visual damage
4.19
14(Na)
Rapid change of
temperature
30 minutes at – 55 °C and
30 minutes at + 155 °C;
5 cycles
∆R/Rmax
±1% + 0.05 Ω
∆R/Rmax
±0.5% + 0.05 Ω
4.22
6(Fc)
Vibration
Frequency 10 to 500 Hz,
displacement 1.5mm or
acceleration 10g; three
directions; total 6 hours (3 x 2 h)
No damage
∆R/Rmax ±0.5% + 0.05 Ω
4.23
Climatic sequence:
4.23.2
2(Ba)
Dry heat
16 h; 155 °C
4.23.3
30(Db)
Damp heat (accelerated)
1
st cycle
24 h; 25 °C to 55 °C;
90 to 100% RH
4.23.4
1(Aa)
Cold
2 h; - 55 °C
Rins min 10
3 MΩ
4.23.6
30(Db)
Damp heat (accelerated)
remaining cycles
5 days; 25 °C to 55 °C;
90to 100% R.H.
∆R/Rmax
±3% + 0.05 Ω
∆R/Rmax
±1% + 0.05 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com