Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR01 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PR01
Description  POWER RESISTOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PR01 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PR01 Datasheet HTML 1Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 2Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 3Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 4Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 5Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 6Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 7Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 8Page - List of Unclassifed Manufacturers PR01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Phoenix Passive Components
PR01
PHOENIX DO BRASIL LTDA
Revision on 2003/12/21
All rights are reserved . Reproduction whole or in
Page 1 of 13
part is prohibited without the written consent of the copyright owner.
POWER RESISTOR - PR01
FEATURES
• Metal film technology
• High power in small package
• High stability, reliability and uniformity
characteristics
• Good performance for pulse applications
• Different leads for different applications
• Various forming styles are available
• Defined interruption behavior (fusing time)
• Non-flammable
• Various packing and taping configurations
• Precision tolerance is available (1%)
MARKET SEGMENTS AND APPLICATIONS
INDUSTRY SECTOR
APPLICATION SEGMENT
END-USER EQUIPMENT
Industrial
Power
Power supplies
Motor speed controls
Telecom
Data Communication
Line protection resistor
Power supplies
Sound & Vision
Amplifiers Television,
Color monitor
Video cassette recorder
Kitchen Appliances
Blender
Consumer
Lighting
Ballast equipment
Automotive
Electronic Systems
Dashboard electronics
Lighting equipment
Window / mirror steering
ABS system, Alarm system, Airbag
Electronic fuel injection


Similar Part No. - PR01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PR01 VISHAY-PR01 Datasheet
141Kb / 14P
Power Metal Film Resistors
24-Feb-04
PR01 VISHAY-PR01 Datasheet
220Kb / 20P
Power Metal Film Leaded Resistors
11-Jul-2018
PR01 VISHAY-PR01 Datasheet
208Kb / 20P
Power Metal Film Leaded Resistors
10-Sep-15
PR01 VISHAY-PR01 Datasheet
219Kb / 20P
Power Metal Film Leaded Resistors
01-Mar-16
PR01 VISHAY-PR01 Datasheet
219Kb / 20P
Power Metal Film Leaded Resistors
07-Nov-17
More results

Similar Description - PR01

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PWR220F BOURNS-PWR220F Datasheet
307Kb / 3P
Power Resistor
PWR3920S BOURNS-PWR3920S Datasheet
224Kb / 2P
Power Resistor
PWR220T-20 BOURNS-PWR220T-20 Datasheet
242Kb / 2P
Power Resistor
PWR263020XXX BOURNS-PWR263020XXX Datasheet
50Kb / 2P
Power Resistor
PWR221T-30-10R0F BOURNS-PWR221T-30-10R0F Datasheet
314Kb / 3P
Power Resistor
PWR220035XXX BOURNS-PWR220035XXX Datasheet
49Kb / 2P
Power Resistor
PWR220020XXX BOURNS-PWR220020XXX Datasheet
98Kb / 2P
Power Resistor
PWR220T-20-10R0F BOURNS-PWR220T-20-10R0F Datasheet
317Kb / 2P
Power Resistor
PWR220F BOURNS-PWR220F_11 Datasheet
664Kb / 3P
Power Resistor
PWR221T-30-10R0F BOURNS-PWR221T-30-10R0F_16 Datasheet
316Kb / 3P
Power Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com