Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32E103CCT6-R Datasheet(PDF) 53 Page - Geehy Semiconductor Co., Ltd.

Part # APM32E103CCT6-R
Description  Arm® Cortex®-M3 based 32-bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32E103CCT6-R Datasheet(HTML) 53 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32E103CCT6-R Datasheet HTML 49Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 50Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 51Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 52Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 53Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 54Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 55Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 56Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 57Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 79 page
background image
www.g eeh y.co m
Pag e 52
Symbol
Parameter
Conditions
Min
Max
Unit
tw(SCKL)
Prescaler coefficient=4
tsu(MI)
tsu(SI)
Data input setup time
Master mode
5
-
ns
Slave mode
5
-
th(MI)
th(SI)
Data input hold time
Master mode
5
-
ns
Slave mode
4
-
ta(SO)
Data output access time
Slave mode, fPCLK = 20MHz
0
3tPCLK
ns
tdis(SO)
Data output prohibition time
Slave mode
2
10
ns
tv(SO)
Effective time of data output
Slave mode (after enable edge)
-
25
ns
tv(MO)
Effective time of data output
Master mode (after enable edge)
-
5
ns
th(SO)
Data output hold time
Slave mode (after enable edge)
15
-
ns
th(MO)
Master mode (after enable edge)
2
-
Note: It is obtained from a comprehensive evaluation and is not tested in production.
Figure 14 SPI Timing Diagram - Slave Mode and CPHA=0
NSS Input
MOSI Input
MISO
Output
CPHA=0
CPOL=0
CPHA=0
CPOL=1
MSB OUT
BIT 6~1 OUT
LSB OUT
LSB IN
MSB IN
BIT 6~1 IN
th(NSS)
tc(SCK)
tr(SCK)
tf(SCK)
tdls(SO)
th(SO)
tV(SO)
ta(SO)
tSU(SI)
tSU(NSS)
th(SCKH)
tW(SCKL)
SCK Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com