Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32E103CCT6-R Datasheet(PDF) 74 Page - Geehy Semiconductor Co., Ltd.

Part # APM32E103CCT6-R
Description  Arm® Cortex®-M3 based 32-bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32E103CCT6-R Datasheet(HTML) 74 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32E103CCT6-R Datasheet HTML 70Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 71Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 72Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 73Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 74Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 75Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 76Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 77Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 78Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 79 page
background image
www.g eeh y.co m
Pag e 73
8. Ordering information
Figure 34 Product Naming Rules
Temperature range
6=Industrial-grade temperature
range: -40
~85
7=Industrial-grade temperature
range: -40 ~105
C
C
T
6
XXX
Number of pins
C=48
pins
R=64
pins
V=100 pins
Z=144 pins
Option
XXX=Programmed device code
R=Reel package
Blank=Tray package
Flash memory capacity
C =256 KB
E =512 KB
Package
T=LQFP
U=QFN
APM32
Product series
APM32=ARM-based 32-bit MCU
E
Product type
E=Enhanced
103
Product subseries
103=Foundation
S
Seal
S=Sealed 2MB SDRAM
Blank=Non-sealed
Table 52 Ordering Information Table
Order Code
Flash(KB)
SRAM(KB)
Package
SPQ
Temperature Range
APM32E103CEU6
512
128
QFN48
2600
Industrial grade -40
℃~85℃
APM32E103CEU6-R
512
128
QFN48
2500
Industrial grade -40
℃~85℃
APM32E103CET6
512
128
LQFP48
2500
Industrial grade -40
℃~85℃
APM32E103CET6-R
512
128
LQFP48
2000
Industrial grade -40
℃~85℃
APM32E103CCU6
256
64
QFN48
2600
Industrial grade -40
℃~85℃
APM32E103CCU6-R
256
64
QFN48
2500
Industrial grade -40
℃~85℃
APM32E103CCT6
256
64
LQFP48
2500
Industrial grade -40
℃~85℃
APM32E103CCT6-R
256
64
LQFP48
2000
Industrial grade -40
℃~85℃
APM32E103RET6
512
128
LQFP64
1600
Industrial grade -40
℃~85℃
APM32E103RET6-R
512
128
LQFP64
1000
Industrial grade -40
℃~85℃
APM32E103RCT6
256
64
LQFP64
1600
Industrial grade -40
℃~85℃
APM32E103RCT6-R
256
64
LQFP64
1000
Industrial grade -40
℃~85℃
APM32E103VET6
512
128
LQFP100
900
Industrial grade -40
℃~85℃
APM32E103VET7
512
128
LQFP100
900
Industrial grade -40
℃~105℃
APM32E103VCT6
256
64
LQFP100
900
Industrial grade -40
℃~85℃
APM32E103ZET6
512
128
LQFP144
600
Industrial grade -40
℃~85℃
APM32E103ZCT6
256
64
LQFP144
600
Industrial grade -40
℃~85℃
Note :SPQ=Smallest Packaging Quantity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com