Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32E103CCT6-R Datasheet(PDF) 36 Page - Geehy Semiconductor Co., Ltd.

Part # APM32E103CCT6-R
Description  Arm® Cortex®-M3 based 32-bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32E103CCT6-R Datasheet(HTML) 36 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32E103CCT6-R Datasheet HTML 32Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 33Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 34Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 35Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 36Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 37Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 38Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 39Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 40Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 79 page
background image
www.g eeh y.co m
Pag e 35
Figure 10 Pin Input Voltage Measurement Scheme
MCU pin
VIN
Figure 11 Power Consumption Measurement Scheme
A
A
IDDA
IDD
A
IDD_VBAT
MCU
VBAT
VDD
VDDA
VDDX
VREF+
VBAT
VSS
VSSA
VREF-
5.2.
Test under general operating conditions
Table 12 General Operating Conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fHCLK
Internal AHB clock frequency
-
-
120
MHz
fPCLK1
Internal APB1 clock frequency
-
-
60
fPCLK2
Internal APB2 clock frequency
-
-
120
VDD
Main power supply voltage
-
2
3.6
V
VDDA
Analog power supply voltage
(When neither ADC nor DAC is used)
Must be the same
as VDD
VDD
3.6
V
Analog power supply voltage
(When ADC and DAC are used)
2.4
3.6
VBAT
Power supply voltage of backup domain
-
1.8
3.6
V
TA
Ambient temperature (temperature
number 6)
Maximum power
dissipation
-40
85
℃
Ambient temperature (temperature
number 7)
Maximum power
dissipation
-40
105
℃
5.3.
Absolute maximum ratings
If the load on the device exceeds the absolute maximum rating, it may cause permanent
damage to the device. Here, only the maximum load that can be borne is given, and there is no



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com