Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32E103CCT6-R Datasheet(PDF) 37 Page - Geehy Semiconductor Co., Ltd.

Part # APM32E103CCT6-R
Description  Arm® Cortex®-M3 based 32-bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32E103CCT6-R Datasheet(HTML) 37 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32E103CCT6-R Datasheet HTML 33Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 34Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 35Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 36Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 37Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 38Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 39Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 40Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 41Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 79 page
background image
www.g eeh y.co m
Pag e 36
guarantee that the device functions normally under this condition.
5.3.1.
Maximum temperature characteristics
Table 13 Temperature Characteristics
Symbol
Description
Numerical Value
Unit
TSTG
Storage temperature range
-55 ~ +150
℃
TJ
Maximum junction temperature
150
℃
5.3.2.
Maximum rated voltage characteristics
All power supply (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the
power supply within the external limited range.
Table 14 Maximum Rated Voltage Characteristics
Symbol
Description
Minimum
value
Maximum
value
Unit
VDD - VSS
External main power supply voltage
-0.3
4.0
V
VDDA-VSSA
External analog power supply voltage
-0.3
4.0
VBAT-VSS
Power supply voltage of external backup domain
-0.3
4.0
VDD-VDDA
Voltage difference allowed by VDD>VDDA
-
0.3
VIN
Input voltage on FT pins
VSS-0.3
5.5
Input voltage on other pins
VSS-0.3
VDD + 0.3
| ΔVDDx |
Voltage difference between different power supply
pins
-
50
mV
| VSSx-VSS |
Voltage difference between different grounding pins
-
50
5.3.3.
Maximum rated current features
Table 15 Current Characteristics
Symbol
Description
Maximum
Unit
IVDD
Total current into VDD/VDDA power lines (source)(1)
150
mA
IVSS
Total current out of VSS ground lines (sink)(1)
150
IIO
Irrigation current on any I/O and control pins
25
Source current on any I/O and control pins
-25
IINJ(PIN) (2) (3)
Injection current of 5T pin
-5
Injection current of other pins
±5
ΣIINJ(PIN)(2)
Total injection current on all I/O and control pins (4)
±25
(1) All power (VDD,VDDA) and ground (VSS,VSSA) pins must always be connected to a power
supply within the external allowable range.
(2) Negative injection disturbs the analog performance of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com