Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32E103CCT6-R Datasheet(PDF) 44 Page - Geehy Semiconductor Co., Ltd.

Part # APM32E103CCT6-R
Description  Arm® Cortex®-M3 based 32-bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32E103CCT6-R Datasheet(HTML) 44 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32E103CCT6-R Datasheet HTML 40Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 41Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 42Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 43Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 44Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 45Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 46Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 47Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 48Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 79 page
background image
www.g eeh y.co m
Pag e 43
Table 27 Power Consumption in Run Mode when the Program is Executed in RAM
Parameter
Conditions
fHCLK
Typical value (1)
Maximum value (1)
TA=25
℃,VDD=3.3V
TA=105
℃,VDD=3.6V
IDDA
(μA)
IDD(mA)
IDDA
(μA)
IDD(mA)
Power
consumption
in run mode
HSECLK bypass (2) , enabling all
peripherals
96MHz
218.11
18.82
254.07
19.78
72MHz
168.27
14.51
198.01
15.31
48MHz
121.38
10.23
145.28
11.22
36MHz
98.49
7.91
119.64
8.85
24MHz
121.37
5.75
145.12
6.69
16MHz
91.32
4.23
111.49
5.54
8MHz
17.85
2.22
26.07
3.37
HSECLK bypass (2) , turning off all
peripherals
96MHz
218.15
12.98
253.06
13.84
72MHz
168.21
10.19
197.29
10.91
48MHz
121.37
7.19
144.47
8.23
36MHz
98.45
5.76
119.07
6.70
24MHz
121.38
4.27
144.40
5.33
16MHz
91.31
3.28
111.54
4.37
8MHz
17.84
2.23
25.98
3.37
HSICLK (2) , enabling all
peripherals
64MHz
237.31
13.98
272.39
15.31
48MHz
206.81
10.51
239.84
12.06
36MHz
184.48
8.14
216.88
9.59
24MHz
163.22
5.41
195.99
6.97
16MHz
177.24
3.61
209.78
5.25
8MHz
102.72
1.89
130.84
3.45
HSICLK (2) , turning off all
peripherals
64MHz
237.31
7.79
272.15
9.41
48MHz
206.70
5.97
239.51
7.38
36MHz
184.51
4.29
216.97
6.33
24MHz
163.17
2.96
196.29
4.53
16MHz
177.19
2.06
209.49
3.79
8MHz
102.68
1.10
130.88
2.92
Note: (1) It is obtained from a comprehensive evaluation and is not tested in production.
(2) The external clock is 8MHz, and when fHCLK>8MHz, turn on PLL, otherwise, turn off PLL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com