Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32E103CCT6-R Datasheet(PDF) 32 Page - Geehy Semiconductor Co., Ltd.

Part # APM32E103CCT6-R
Description  Arm® Cortex®-M3 based 32-bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32E103CCT6-R Datasheet(HTML) 32 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32E103CCT6-R Datasheet HTML 28Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 29Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 30Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 31Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 32Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 33Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 34Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 35Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 36Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 79 page
background image
www.g eeh y.co m
Pag e 31
Timer type
System tick
timer
Basic timer
General-purpose timer
Advanced timer
Prescaler coefficient
-
Any integer
between 1 and
65536
Any integer between 1 and
65536
Any integer
between 1 and
65536
General DMA request
-
OK
OK
OK
Capture/Comparison
channel
-
-
4
4
Complementary outputs
-
No
No
Yes
Pin characteristics
-
-
There are 5 pins in total:
1-way external trigger signal
input pins,
4-way channel (non-
complementary channel) pins
There are 9 pins
in total:
1-way external
trigger signal
input pins,
1-way braking
input signal pins,
3-pair
complementary
channel pins,
1-way channel
(non-
complementary
channel) pins
Function
Instruction
Special for real-
time operating
system
Automatic
reloading function
supported
When the counter
is 0, it can
generate a
maskable system
interrupt
Can program the
clock source
Used to generate
DAC trigger
signals.
Can be used as
a 16-bit general-
purpose
timebase
counter.
Synchronization or event
chaining function provided
Timers in debug mode can be
frozen.
-Can be used to generate PWM
output Each timer has
independent DMA request
generation.
It can handle incremental
encoder signals
It has
complementary
PWM output with
dead band
insertion
When configured
as a 16-bit
standard timer, it
has the same
function as the
TMRx timer.
When configured
as a 16-bit PWM
generator, it has
full modulation
capability
(0~100%).
In debug mode,
the timer can be
frozen, and PWM
output is
disabled.
Synchronization
or event chaining
function provided.
Table 11 Independent Watchdog and Window Watchdog Timers
Name
Counter
resolution
Counter
type
Prescaler
coefficient
Functional Description
Independent
watchdog
12-bit
Down
Any integer
between 1 and
256
The clock is provided by an internally independent RC
oscillator of 40KHz, which is independent of the
master clock, so it can run in stop and standby
modes.
The whole system can be reset in case of problems.
It can provide timeout management for applications
as a free-running timer.
It can be configured as a software or hardware startup
watchdog through option bytes.
Timers in debug mode can be frozen.
Window
watchdog
7-bit
Down
-
Can be set for free running.
The whole system can be reset in case of problems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com