Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32E103CCT6-R Datasheet(PDF) 76 Page - Geehy Semiconductor Co., Ltd.

Part # APM32E103CCT6-R
Description  Arm® Cortex®-M3 based 32-bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32E103CCT6-R Datasheet(HTML) 76 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32E103CCT6-R Datasheet HTML 71Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 72Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 73Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 74Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 75Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 76Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 77Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 78Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 79Page - Geehy Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 76 / 79 page
background image
www.g eeh y.co m
Pag e 75
10.
Version history
Table 54 Document Version History
Date
Version
Change History
August 2021
1.0
New
January 2022
1.1
(1) HSICLK accuracy to 1% ~ 1% under atmospheric pressure
(2) Delete the order information in the seal types of information
March 2022
1.2
Add APM32E103VET7 model
June 2022
1.3
(1) Modify Arm trademark
(2) Add the statement
(3) Modify product naming rules figure
October 2022
1.4
(1) Modify the pin definition for DMC_CLK
(2) Modify the frequency range of LSICLK. The minimum is 30kHz
and the maximum is 60kHz.
(3) Modify the accuracy range of HSICLK. The minimum is -1.5%
and the maximum is 1.5%.
(4) Modify “CAN_RX” and “CAN_TX” to “CAN1_RX” and
“CAN1_TX” in 3.2.Pin function description chapter.
August 2024
1.5
(1)
Modify the USBD name in the system block diagram, address
map, and pin definition
(2)
Modify the table of Functions and Peripherals of
APM32E103xCxE Series Chips
(3)
Modify the address mapping figure to address mapping table
(4)
Add Number of erase cycles parameters in Flash Memory
Characteristics
(5)
Add the electrical characteristics of Temperature Sensor
October, 2024
1.6
(1) Add flash storage time and erase cycle
(2) Add Temperature characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com