Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32E103CCT6-R Datasheet(PDF) 35 Page - Geehy Semiconductor Co., Ltd.

Part # APM32E103CCT6-R
Description  Arm® Cortex®-M3 based 32-bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32E103CCT6-R Datasheet(HTML) 35 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32E103CCT6-R Datasheet HTML 31Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 32Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 33Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 34Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 35Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 36Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 37Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 38Page - Geehy Semiconductor Co., Ltd. APM32E103CCT6-R Datasheet HTML 39Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 79 page
background image
www.g eeh y.co m
Pag e 34
5.1.4.
Power supply scheme
Figure 8 Power Supply Scheme
MCU
VDDX
VBAT
VSS
VSSA
Core,
Flash,
SRAM,
I/O logic,
digital
peripheral
RC oscillator,
analog peripheral
LSECLK, RTC,
backup register
Input Schmitt
trigger,
output buffer
ADC、DAC
Input Schmitt
trigger,
output buffer
Voltage regulator
Power switch
VBAT
VDDA
VREF-
1×10nF+
1×1μF
VDD
VREF+
1×10nF+
1×1μF
VDD
x×100nF+
1×4.7μF
VDD
Notes: VDDx in the figure means the number of VDD is x
5.1.5.
Load capacitance
Figure 9 Load conditions when measuring pin parameters
MCU pin
c=50p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com