Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXK1 Datasheet(PDF) 101 Page - STMicroelectronics

Part # ST7FOXK1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXK1 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button ST7FOXK1 Datasheet HTML 97Page - STMicroelectronics ST7FOXK1 Datasheet HTML 98Page - STMicroelectronics ST7FOXK1 Datasheet HTML 99Page - STMicroelectronics ST7FOXK1 Datasheet HTML 100Page - STMicroelectronics ST7FOXK1 Datasheet HTML 101Page - STMicroelectronics ST7FOXK1 Datasheet HTML 102Page - STMicroelectronics ST7FOXK1 Datasheet HTML 103Page - STMicroelectronics ST7FOXK1 Datasheet HTML 104Page - STMicroelectronics ST7FOXK1 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 226 page
background image
ST7FOXF1, ST7FOXK1, ST7FOXK2
On-chip peripherals
101/226
This bit is read/write by software and cleared by hardware after a reset. This bit enables
the One Pulse feature for PWM2 and PWM3 (only available for PWM3CSR)
0: One Pulse mode disable for PWM2/3.
1: One Pulse mode enable for PWM2/3.
Bit 2 = OPEDGE One Pulse Edge Selection bit
This bit is read/write by software and cleared by hardware after a reset. This bit selects
the polarity of the LTIC signal for One Pulse feature. This bit will be effective only if
OP_EN bit is set (only available for PWM3CSR)
0: Falling edge of LTIC is selected.
1: Rising edge of LTIC is selected.
Bit 1 = OPx PWMx Output Polarity bit
This bit is read/write by software and cleared by hardware after a reset. This bit selects
the polarity of the PWM signal.
0: The PWM signal is not inverted.
1: The PWM signal is inverted.
Bit 0 = CMPFx PWMx Compare flag
This bit is set by hardware and cleared by software by reading the PWMxCSR register.
It indicates that the upcounter value matches the Active DCRx register value.
0: Upcounter value does not match DCRx value.
1: Upcounter value matches DCRx value.
Break control register 1 (BREAKCR1)
Reset value: 0000 0000 (00h)
Bit 7 = BR1SEL Break 1 input selection bit (only available on ST7FOXK2, reserved for
ST7FOXF1/ST7FOXK1)
This bit is read/write by software and cleared by hardware after reset. It selects the
active Break 1 signal from external BREAK1 pin and the output of the comparator.
0: External BREAK1 pin is selected for break mode.
1: Comparator 1 output is selected for break mode.
Bit 6 = BR1EDGE Break 1 input edge selection bit (BREDGE on ST7FOXF1/ST7FOXK1)
This bit is read/write by software and cleared by hardware after reset. It selects the
active level of Break 1 signal.
0: Low level of Break 1selected as active level
1: High level of Break 1selected as active level
7
0
BR1SEL
BR1EDGE
BA1
BP1EN
PWM3
PWM2
PWM1
PWM0
Read/write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com