Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXK1 Datasheet(PDF) 103 Page - STMicroelectronics

Part # ST7FOXK1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXK1 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button ST7FOXK1 Datasheet HTML 99Page - STMicroelectronics ST7FOXK1 Datasheet HTML 100Page - STMicroelectronics ST7FOXK1 Datasheet HTML 101Page - STMicroelectronics ST7FOXK1 Datasheet HTML 102Page - STMicroelectronics ST7FOXK1 Datasheet HTML 103Page - STMicroelectronics ST7FOXK1 Datasheet HTML 104Page - STMicroelectronics ST7FOXK1 Datasheet HTML 105Page - STMicroelectronics ST7FOXK1 Datasheet HTML 106Page - STMicroelectronics ST7FOXK1 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 226 page
background image
ST7FOXF1, ST7FOXK1, ST7FOXK2
On-chip peripherals
103/226
Break control register 2 (BREAKCR2)
Reset value: 0000 0000 (00h)
Note:
This register is available on ST7FOXK2 only
Bit 7 = BR2SEL Break 2 input selection bit
This bit is read/write by software and cleared by hardware after reset. It selects the
active Break 2 signal from external BREAK2 pin and the output of the comparator.
0: External BREAK2 pin is selected for break mode.
1: Comparator 2 output is selected for break mode.
Bit 6 = BR2EDGE Break 2 input edge selection bit
This bit is read/write by software and cleared by hardware after reset. It selects the
active level of Break 2 signal.
0: Low level of Break 2 selected as active level
1: High level of Break 2 selected as active level
Bit 5 = BA2 Break 2 Active bit
This bit is read/write by software, cleared by hardware after reset and set by hardware
when the active level defined by the BR2EDGE bit is applied on the BREAK2 pin. It
activates/deactivates the Break 2 function.
0: Break 2 not active
1: Break 2 active
Bit 4 = BP2EN Break 2 pin enable bit
This bit is read/write by software and cleared by hardware after Reset.
0: BREAK2 pin disabled
1: BREAK2 pin enabled
Bits 3:2 = Reserved, must be kept cleared
Bit 1 = SWBR2 Switch Break for counter 2 bit
This bit is read/write by software. While BREN2 is set, it selects BA1 or BA2 to control
PWM2/3 if ENCNTR2 bit is set.
0: BA1 selected
1: BA2 selected
Bit 0 = SWBR1 Switch Break for counter 1 bit
This bit is read/write by software. While BREN1 is set, it selects BA1 or BA2 to control
PWM0/1 by default and also PWM2/3 if ENCNTR2 bit is reset.
0: BA1 selected
1: BA2 selected
7
0
BR2SEL
BR2EDGE
BA2
BP2EN
-
-
SWBR2
SWBR1
Read/write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com