Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FOXK1 Datasheet(PDF) 102 Page - STMicroelectronics

Part # ST7FOXK1
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXK1 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button ST7FOXK1 Datasheet HTML 98Page - STMicroelectronics ST7FOXK1 Datasheet HTML 99Page - STMicroelectronics ST7FOXK1 Datasheet HTML 100Page - STMicroelectronics ST7FOXK1 Datasheet HTML 101Page - STMicroelectronics ST7FOXK1 Datasheet HTML 102Page - STMicroelectronics ST7FOXK1 Datasheet HTML 103Page - STMicroelectronics ST7FOXK1 Datasheet HTML 104Page - STMicroelectronics ST7FOXK1 Datasheet HTML 105Page - STMicroelectronics ST7FOXK1 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 226 page
background image
On-chip peripherals
ST7FOXF1, ST7FOXK1, ST7FOXK2
102/226
Bit 5 = BA1 Break 1 Active bit (BA on ST7FOXF1/ST7FOXK1)
This bit is read/write by software, cleared by hardware after reset and set by hardware
when the active level defined by the BR1EDGE bit is applied on the BREAK1 pin. It
activates/deactivates the Break 1function.
0: Break 1not active
1: Break 1active
Bit 4 = BP1EN Break 1Pin Enable bit (BPEN on ST7FOXF1/ST7FOXK1)
This bit is read/write by software and cleared by hardware after Reset.
0: Break 1pin disabled
1: Break 1pin enabled
Bits 3:0 = PWM[3:0] Break Pattern bits
These bits are read/write by software and cleared by hardware after a reset. They are
used to force the four PWMx output signals into a stable state when the Break function
is active and corresponding OEx bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com