Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50LPW002 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M50LPW002
Description  2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW002 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M50LPW002 Datasheet HTML 4Page - STMicroelectronics M50LPW002 Datasheet HTML 5Page - STMicroelectronics M50LPW002 Datasheet HTML 6Page - STMicroelectronics M50LPW002 Datasheet HTML 7Page - STMicroelectronics M50LPW002 Datasheet HTML 8Page - STMicroelectronics M50LPW002 Datasheet HTML 9Page - STMicroelectronics M50LPW002 Datasheet HTML 10Page - STMicroelectronics M50LPW002 Datasheet HTML 11Page - STMicroelectronics M50LPW002 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
M50LPW002
8/39
Table 3. Memory Identification Input Configuration
Table 4. Block Addresses
Note: For A18 and A19 values, refer to Table 3.
Memory Number
ID3
ID2
ID1
ID0
A21
A20
A19
A18
1 (Boot)
VIL or floating
VIL or floating
VIL or floating
VIL or floating
1
111
2
VIL or floating
VIL or floating
VIL or floating
VIH
1
110
3
VIL or floating
VIL or floating
VIH
VIL or floating
1
101
4
VIL or floating
VIL or floating
VIH
VIH
1
100
5
VIL or floating
VIH
VIL or floating
VIL or floating
1
011
6
VIL or floating
VIH
VIL or floating
VIH
1
010
7
VIL or floating
VIH
VIH
VIL or floating
1
001
8
VIL or floating
VIH
VIH
VIH
1
000
9
VIH
VIL or floating
VIL or floating
VIL or floating
0
111
10
VIH
VIL or floating
VIL or floating
VIH
0
110
11
VIH
VIL or floating
VIH
VIL or floating
0
101
12
VIH
VIL or floating
VIH
VIH
0
100
13
VIH
VIH
VIL or floating
VIL or floating
0
011
14
VIH
VIH
VIL or floating
VIH
0
010
15
VIH
VIH
VIH
VIL or floating
0
001
16
VIH
VIH
VIH
VIH
0
000
Size
(Kbytes)
Address Range
Block
Number
Block Type
16
3C000h-3FFFFh
6
Boot Block
(Top)
8
3A000h-3BFFFh
5
Parameter
Block
8
38000h-39FFFh
4
Parameter
Block
32
30000h-37FFFh
3
Main Block
64
20000h-2FFFFh
2
Main Block
64
10000h-1FFFFh
1
Main Block
64
00000h-0FFFFh
0
Main Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com