Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50LPW002 Datasheet(PDF) 22 Page - STMicroelectronics

Part # M50LPW002
Description  2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW002 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M50LPW002 Datasheet HTML 18Page - STMicroelectronics M50LPW002 Datasheet HTML 19Page - STMicroelectronics M50LPW002 Datasheet HTML 20Page - STMicroelectronics M50LPW002 Datasheet HTML 21Page - STMicroelectronics M50LPW002 Datasheet HTML 22Page - STMicroelectronics M50LPW002 Datasheet HTML 23Page - STMicroelectronics M50LPW002 Datasheet HTML 24Page - STMicroelectronics M50LPW002 Datasheet HTML 25Page - STMicroelectronics M50LPW002 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
M50LPW002
22/39
Figure 8. AC Measurement I/O Waveform (A/A Mux Interface)
Table 18. AC Measurement Conditions (A/A Mux Interface)
Table 19. Device Impedance
Note: 1. TA=25°C, f=1 MHz
2. Sampled only, not 100% tested
3. See PCI Specification
Symbol
Parameter
Min.
Max.
Unit
CL
Load Capacitance
30
pF
Input Rise and Fall Times
10
ns
Input Pulse Voltages
0 to 3
V
Input and Output Timing Reference Voltages
1.5
V
Symbol
Parameter 1
Test Condition
Min
Max
Unit
CIN
Input Capacitance 2
VIN = 0V
13
pF
CCLK
Clock Capacitance 2
VIN = 0V
312
pF
LPIN
Recommended Pin
Inductance 3
20
nH
AI01417
3V
0V
1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com