Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50LPW002 Datasheet(PDF) 16 Page - STMicroelectronics

Part # M50LPW002
Description  2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW002 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M50LPW002 Datasheet HTML 12Page - STMicroelectronics M50LPW002 Datasheet HTML 13Page - STMicroelectronics M50LPW002 Datasheet HTML 14Page - STMicroelectronics M50LPW002 Datasheet HTML 15Page - STMicroelectronics M50LPW002 Datasheet HTML 16Page - STMicroelectronics M50LPW002 Datasheet HTML 17Page - STMicroelectronics M50LPW002 Datasheet HTML 18Page - STMicroelectronics M50LPW002 Datasheet HTML 19Page - STMicroelectronics M50LPW002 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
M50LPW002
16/39
STATUS REGISTER
The Status Register provides information on the
current or previous Program or Erase operation.
Different bits in the Status Register convey
different information and errors on the operation.
To read the Status Register the Read Status
Register command can be issued. The Status
Register is automatically read after Program,
Erase and Program/Erase Resume commands
are issued. The Status Register can be read from
any address.
The Status Register bits are summarized in Table
11, Status Register Bits. Refer to Table 11 in con-
junction with the text descriptions below.
Program/Erase Controller Status (Bit 7). The Pro-
gram/Erase Controller Status bit indicates whether
the Program/Erase Controller is active or inactive.
When the Program/Erase Controller Status bit is
‘0’, the Program/Erase Controller is active; when
the bit is ‘1’, the Program/Erase Controller is inac-
tive.
The Program/Erase Controller Status is ‘0’ imme-
diately after a Program/Erase Suspend command
is issued until the Program/Erase Controller paus-
es. After the Program/Erase Controller pauses the
bit is ‘1’.
During Program and Erase operation the Pro-
gram/Erase Controller Status bit can be polled to
find the end of the operation. The other bits in the
Status Register should not be tested until the Pro-
gram/Erase Controller completes the operation
and the bit is ‘1’.
After the Program/Erase Controller completes its
operation the Erase Status, Program Status, VPP
Status and Block Protection Status bits should be
tested for errors.
Erase Suspend Status (Bit 6). The Erase Sus-
pend Status bit indicates that an Erase operation
has been suspended and is waiting to be re-
sumed. The Erase Suspend Status should only be
considered valid when the Program/Erase Con-
troller Status bit is ‘1’ (Program/Erase Controller
inactive); after a Program/Erase Suspend com-
mand is issued the memory may still complete the
operation rather than entering the Suspend mode.
When the Erase Suspend Status bit is ‘0’ the Pro-
gram/Erase Controller is active or has completed
its operation; when the bit is ‘1’ a Program/Erase
Suspend command has been issued and the
memory is waiting for a Program/Erase Resume
command.
When a Program/Erase Resume command is is-
sued the Erase Suspend Status bit returns to ‘0’.
Erase Status (Bit 5). The Erase Status bit can be
used to identify if the memory has applied the
maximum number of erase pulses to the block and
still failed to verify that the block has erased cor-
rectly. The Erase Status bit should be read once
the Program/Erase Controller Status bit is ‘1’ (Pro-
gram/Erase Controller inactive).
When the Erase Status bit is ‘0’ the memory has
successfully verified that the block has erased cor-
rectly; when the Erase Status bit is ‘1’ the Pro-
gram/Erase Controller has applied the maximum
number of pulses to the block and still failed to ver-
ify that the block has erased correctly.
Once the Erase Status bit is set to ‘1’ it can only be
reset to ‘0’ by a Clear Status Register command or
a hardware reset. If it is set to ‘1’ it should be reset
before a new Program or Erase command is is-
sued, otherwise the new command will appear to
fail.
Program Status (Bit 4). The Program Status bit
can be used to identify if the memory has applied
the maximum number of program pulses to the
byte and still failed to verify that the byte has pro-
grammed correctly. The Program Status bit should
be read once the Program/Erase Controller Status
bit is ‘1’ (Program/Erase Controller inactive).
When the Program Status bit is ‘0’ the memory has
successfully verified that the byte has pro-
grammed correctly; when the Program Status bit is
‘1’ the Program/Erase Controller has applied the
maximum number of pulses to the byte and still
failed to verify that the byte has programmed cor-
rectly.
Once the Program Status bit is set to ‘1’ it can only
be reset to ‘0’ by a Clear Status Register com-
mand or a hardware reset. If it is set to ‘1’ it should
be reset before a new Program or Erase command
is issued, otherwise the new command will appear
to fail.
VPP Status (Bit 3). The VPP Status bit can be
used to identify an invalid voltage on the VPP pin
during Program and Erase operations. The VPP
pin is only sampled at the beginning of a Program
or Erase operation. Indeterminate results can oc-
cur if VPP becomes invalid during a Program or
Erase operation.
When the VPP Status bit is ‘0’ the voltage on the
VPP pin was sampled at a valid voltage; when the
VPP Status bit is ‘1’ the VPP pin has a voltage that
is below the VPP Lockout Voltage, VPPLK, the
memory is protected; Program and Erase opera-
tion cannot be performed.
Once the VPP Status bit set to ‘1’ it can only be re-
set to ‘0’ by a Clear Status Register command or a
hardware reset. If it is set to ‘1’ it should be reset
before a new Program or Erase command is is-
sued, otherwise the new command will appear to
fail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com