Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50LPW002 Datasheet(PDF) 15 Page - STMicroelectronics

Part # M50LPW002
Description  2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW002 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M50LPW002 Datasheet HTML 11Page - STMicroelectronics M50LPW002 Datasheet HTML 12Page - STMicroelectronics M50LPW002 Datasheet HTML 13Page - STMicroelectronics M50LPW002 Datasheet HTML 14Page - STMicroelectronics M50LPW002 Datasheet HTML 15Page - STMicroelectronics M50LPW002 Datasheet HTML 16Page - STMicroelectronics M50LPW002 Datasheet HTML 17Page - STMicroelectronics M50LPW002 Datasheet HTML 18Page - STMicroelectronics M50LPW002 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
15/39
M50LPW002
See Figure 15, Quadruple Byte Program Flow-
chart and Pseudo Code (A/A Mux Interface Only),
for a suggested flowchart on using the Quadruple
Byte Program command.
Chip Erase Command. The Chip Erase com-
mand can be used in A/A Mux mode to erase the
entire chip at a time. Erasing should not be at-
tempted when VPP is not at VPPH. The operation
can also be executed if VPP is below VPPH, but re-
sult could be uncertain. Two Bus Write operations
are required to issue the command and start the
Program/Erase Controller. Once the command is
issued, subsequent Bus Read operations read the
Status Register. (See the section on the Status
Register for details of the definitions of the Status
Register bits.)
During the Chip Erase operation, the memory only
accepts the Read Status Register command. All
other commands are ignored.
Typical Chip Erase times are given in Table 23.
The Chip Erase command sets all of the bits in the
memory to ‘1’. See Figure 17, Chip Erase Flow-
chart and Pseudo Code, for a suggested flowchart
when using the Chip Erase command.
Block Erase Command. The Block Erase com-
mand can be used to erase a block. Two Bus Write
operations are required to issue the command; the
second Bus Write cycle latches the block address
in the internal state machine and starts the Pro-
gram/Erase Controller. Once the command is is-
sued subsequent Bus Read operations read the
Status Register. See the section on the Status
Register for details on the definitions of the Status
Register bits.
If the block is protected then the Erase operation
will abort, the data in the block will not be changed
and the Status Register will output the error.
During the Erase operation the memory only
accepts the Read Status Register command and
the Program/Erase Suspend command. All other
commands are ignored. Typical Erase times are
given in Table 23.
The Erase command sets all of the bits in the block
to ‘1’. All previous data in the block is lost.
See Figure 18, Block Erase Flowchart and Pseudo
Code, for a suggested flowchart on using the
Erase command.
Clear Status Register Command. The Clear Sta-
tus Register command can be used to reset bits 1,
3, 4 and 5 in the Status Register to ‘0’. One Bus
Write is required to issue the Clear Status Register
command. Once the command is issued the mem-
ory returns to its previous mode, subsequent Bus
Read operations continue to output the same data.
The bits in the Status Register are sticky and do
not automatically return to ‘0’ when a new Program
or Erase command is issued. If an error occurs
then it is essential to clear any error bits in the Sta-
tus Register by issuing the Clear Status Register
command before attempting a new Program or
Erase command.
Program/Erase Suspend Command. The
Pro-
gram/Erase Suspend command can be used to
pause a Program or Erase operation. One Bus
Write cycle is required to issue the Program/Erase
Suspend command and pause the Program/Erase
Controller. Once the command is issued it is nec-
essary to poll the Program/Erase Controller Status
bit to find out when the Program/Erase Controller
has paused; no other commands will be accepted
until the Program/Erase Controller has paused.
After the Program/Erase Controller has paused,
the memory will continue to output the Status Reg-
ister until another command is issued.
During the polling period between issuing the
Program/Erase
Suspend
command
and
the
Program/Erase Controller pausing it is possible for
the operation to complete. Once Program/Erase
Controller Status bit indicates that the Program/
Erase Controller is no longer active, the Program
Suspend Status bit or the Erase Suspend Status
bit can be used to determine if the operation has
completed or is suspended. For timing on the
delay
between
issuing
the
Program/Erase
Suspend
command
and
the
Program/Erase
Controller pausing see Table 23.
During
Program/Erase
Suspend
the
Read
Memory Array, Read Status Register, Read
Electronic Signature and Program/Erase Resume
commands will be accepted by the Command
Interface. Additionally, if the suspended operation
was Erase then the Program command will also be
accepted; only the blocks not being erased may be
read or programmed correctly.
See Figure 16, Program Suspend and Resume
Flowchart, and Pseudo Code, and Figure 19,
Erase Suspend and Resume Flowchart, and
Pseudo Code, for suggested flowcharts on using
the Program/Erase Suspend command.
Program/Erase Resume Command. The
Pro-
gram/Erase Resume command can be used to re-
start
the
Program/Erase
Controller
after
a
Program/Erase Suspend has paused it. One Bus
Write cycle is required to issue the Program/Erase
Resume command. Once the command is issued
subsequent Bus Read operations read the Status
Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com