Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50LPW002 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M50LPW002
Description  2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW002 Datasheet(HTML) 1 Page - STMicroelectronics

  M50LPW002 Datasheet HTML 1Page - STMicroelectronics M50LPW002 Datasheet HTML 2Page - STMicroelectronics M50LPW002 Datasheet HTML 3Page - STMicroelectronics M50LPW002 Datasheet HTML 4Page - STMicroelectronics M50LPW002 Datasheet HTML 5Page - STMicroelectronics M50LPW002 Datasheet HTML 6Page - STMicroelectronics M50LPW002 Datasheet HTML 7Page - STMicroelectronics M50LPW002 Datasheet HTML 8Page - STMicroelectronics M50LPW002 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
1/39
PRELIMINARY DATA
May 2002
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
M50LPW002
2 Mbit (256Kb x8, Boot Block)
3V Supply Low Pin Count Flash Memory
FEATURES SUMMARY
s
SUPPLY VOLTAGE
–VCC = 3 V to 3.6 V for Program, Erase and
Read Operations
–VPP = 12 V for Fast Program and Fast Erase
(optional)
s
TWO INTERFACES
– Low Pin Count (LPC) Standard Interface for
embedded operation with PC Chipsets.
– Address/Address Multiplexed (A/A Mux)
Interface for programming equipment
compatibility.
s
LOW PIN COUNT (LPC) HARDWARE
INTERFACE MODE
– 5 Signal Communication Interface supporting
Read and Write Operations
– Hardware Write Protect Pins for Block
Protection
– Register Based Read and Write Protection
– 5 Additional General Purpose Inputs for
platform design flexibility
– Synchronized with 33 MHz PCI clock
s
PROGRAMMING TIME
– 10 µs typical
– Quadruple Byte Programming Option
s
7
MEMORY BLOCKS
– 1 Boot Block (Top Location)
– 4 Main Blocks and 2 Parameter Blocks
s
PROGRAM/ERASE CONTROLLER
– Embedded Byte Program, Block Erase and
Chip Erase algorithms
– Status Register Bits
s
PROGRAM and ERASE SUSPEND
– Read other Blocks during Program/Erase
Suspend
– Program other Blocks during Erase Suspend
s
FOR USE in PC BIOS APPLICATIONS
Figure 1. Packages
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Device Code: 31h
PLCC32 (K)


Similar Part No. - M50LPW002

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M50LPW012 STMICROELECTRONICS-M50LPW012 Datasheet
239Kb / 35P
2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
16-Sep-2002
M50LPW012K STMICROELECTRONICS-M50LPW012K Datasheet
239Kb / 35P
2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
16-Sep-2002
M50LPW012K1T STMICROELECTRONICS-M50LPW012K1T Datasheet
239Kb / 35P
2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
16-Sep-2002
M50LPW040 STMICROELECTRONICS-M50LPW040 Datasheet
272Kb / 36P
4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
12-Mar-2002
M50LPW040K STMICROELECTRONICS-M50LPW040K Datasheet
272Kb / 36P
4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
12-Mar-2002
More results

Similar Description - M50LPW002

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F002BT STMICROELECTRONICS-M29F002BT Datasheet
189Kb / 22P
2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
22-Apr-2002
M29F002T STMICROELECTRONICS-M29F002T Datasheet
196Kb / 29P
2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
Jul-1998
M29W002BT STMICROELECTRONICS-M29W002BT Datasheet
156Kb / 20P
2 Mbit 256Kb x8, Boot Block Low Voltage Single Supply Flash Memory
30-Mar-2000
M29W022BT STMICROELECTRONICS-M29W022BT Datasheet
123Kb / 20P
2 Mbit 256Kb x8, Boot Block Low Voltage Single Supply Flash Memory
30-Mar-2000
M50FW002 STMICROELECTRONICS-M50FW002 Datasheet
254Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Firmware Hub Flash Memory
31-May-2002
M50LPW012 STMICROELECTRONICS-M50LPW012 Datasheet
239Kb / 35P
2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
16-Sep-2002
M50LPW040 STMICROELECTRONICS-M50LPW040 Datasheet
272Kb / 36P
4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
12-Mar-2002
M50LPW041 STMICROELECTRONICS-M50LPW041 Datasheet
268Kb / 37P
4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
16-Sep-2002
M50LPW116 STMICROELECTRONICS-M50LPW116 Datasheet
259Kb / 36P
16 Mbit 2Mb x8, Boot Block 3V Supply Low Pin Count Flash Memory
13-Feb-2003
M29W400DT STMICROELECTRONICS-M29W400DT Datasheet
291Kb / 38P
4 Mbit (512Kb x8 or 256Kb x16, Boot Block) 3V Supply Flash Memory
08-Jun-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com