Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50LPW002 Datasheet(PDF) 26 Page - STMicroelectronics

Part # M50LPW002
Description  2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW002 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M50LPW002 Datasheet HTML 22Page - STMicroelectronics M50LPW002 Datasheet HTML 23Page - STMicroelectronics M50LPW002 Datasheet HTML 24Page - STMicroelectronics M50LPW002 Datasheet HTML 25Page - STMicroelectronics M50LPW002 Datasheet HTML 26Page - STMicroelectronics M50LPW002 Datasheet HTML 27Page - STMicroelectronics M50LPW002 Datasheet HTML 28Page - STMicroelectronics M50LPW002 Datasheet HTML 29Page - STMicroelectronics M50LPW002 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
M50LPW002
26/39
Table 23. Program and Erase Times
Note: 1. TA = 25°C, VCC = 3.3V
2. This time is obtained executing the Quadruple Byte Program Command.
3. Sampled only, not 100% tested.
Table 24. Reset AC Characteristics
Note: 1. See Chapter 4 of the PCI Specification.
Parameter
Interface
Test Condition
Min
Typ (1)
Max
Unit
Byte Program
10
200
µs
Quadruple Byte Program
A/A Mux
VPP = 12V ± 5%
10
200
µs
Chip Erase
A/A Mux
VPP = 12V ± 5%
3
sec
Block Program (64 KBytes)
A/A Mux
VPP = 12V ± 5%
0.1 (2)
5
sec
VPP = VCC
0.4
5
sec
Block Erase (64 KBytes)
VPP = 12V ± 5%
0.75
8
sec
VPP = VCC
110
sec
Program/Erase Suspend to Program pause (3)
5
µs
Program/Erase Suspend to Block Erase pause (3)
30
µs
Symbol
Parameter
Test Condition
Value
Unit
tPLPH
RP or INIT Reset Pulse Width
Min
100
ns
tPLRH
RP or INIT Low to Reset
Program/Erase Inactive
Max
100
ns
Program/Erase Active
Max
30
µs
RP or INIT Slew Rate(1)
Rising edge only
Min
50
mV/ns
tPHFL
RP or INIT High to LFRAME Low
LPC Interface only
Min
30
µs
tPHWL
tPHGL
RP High to Write Enable or Output
Enable Low
A/A Mux Interface only
Min
50
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com