Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50LPW002 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M50LPW002
Description  2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW002 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M50LPW002 Datasheet HTML 9Page - STMicroelectronics M50LPW002 Datasheet HTML 10Page - STMicroelectronics M50LPW002 Datasheet HTML 11Page - STMicroelectronics M50LPW002 Datasheet HTML 12Page - STMicroelectronics M50LPW002 Datasheet HTML 13Page - STMicroelectronics M50LPW002 Datasheet HTML 14Page - STMicroelectronics M50LPW002 Datasheet HTML 15Page - STMicroelectronics M50LPW002 Datasheet HTML 16Page - STMicroelectronics M50LPW002 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
13/39
M50LPW002
Table 9. Commands
Note: X Don’t Care, PA Program Address, PD Program Data, A1,2,3,4 Consecutive Addresses, BA Any address in the block.
Read Memory Array: After a Read Memory Array command, read the memory as normal until another command is issued.
Read Status Register: After a Read Status Register command, read the Status Register as normal until another command is issued.
Read Electronic Signature: After a Read Electronic Signature command, read Manufacturer Code, Device Code until another com-
mand is issued.
Block Erase, Byte Program: After these commands, read the Status Register until the command completes and another command
is issued.
Quadruple Byte Program: This command is only valid in A/A Mux mode. Addresses A1, A2, A3 and A4 must be consecutive addresses
differing only for address bit A0 and A1. After this command read the Status Register until the command completes and another com-
mand is issued.
Chip Erase: This command is only valid in A/A Mux mode. After this command, read the Status Register until the command completes
and another command is issued.
Clear Status Register: After the Clear Status Register command bits 1, 3, 4 and 5 in the Status Register are reset to ‘0’.
Program/Erase Suspend: After the Program/Erase Suspend command has been accepted, issue Read Memory Array, Read Status
Register, Program (during Erase suspend) and Program/Erase resume commands.
Program/Erase Resume: After the Program/Erase Resume command the suspended Program/Erase operation resumes, read the
Status Register until the Program/Erase Controller completes and the memory returns to Read Mode.
Invalid/Reserved: Do not use Invalid or Reserved commands.
Command
Bus Write Operations
1st
2nd
3rd
4th
5th
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read Memory Array
1
X
FFh
Read Status Register
1
X
70h
Read Electronic Signature
1X
90h
1X
98h
Program
2X
40h
PA
PD
2X
10h
PA
PD
Quadruple Byte Program
5
X
30h
A1
PD
A2
PD
A3
PD
A4
PD
Chip Erase
2
X
80h
X
10h
Block Erase
2
X
20h
BA
D0h
Clear Status Register
1
X
50h
Program/Erase Suspend
1
X
B0h
Program/Erase Resume
1
X
D0h
Invalid/Reserved
1X
00h
1X
01h
1X
60h
1X
2Fh
1X
C0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com