Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50LPW002 Datasheet(PDF) 18 Page - STMicroelectronics

Part # M50LPW002
Description  2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW002 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M50LPW002 Datasheet HTML 14Page - STMicroelectronics M50LPW002 Datasheet HTML 15Page - STMicroelectronics M50LPW002 Datasheet HTML 16Page - STMicroelectronics M50LPW002 Datasheet HTML 17Page - STMicroelectronics M50LPW002 Datasheet HTML 18Page - STMicroelectronics M50LPW002 Datasheet HTML 19Page - STMicroelectronics M50LPW002 Datasheet HTML 20Page - STMicroelectronics M50LPW002 Datasheet HTML 21Page - STMicroelectronics M50LPW002 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
M50LPW002
18/39
LOW PIN COUNT (LPC) INTERFACE CONFIGURATION REGISTERS
When the Low Pin Count Interface is selected sev-
eral additional registers can be accessed. These
registers control the protection status of the blocks
and read the General Purpose Input pins. See Ta-
ble 12 for an example of the Register Configura-
tion map, valid for the boot memory, i.e. ID0-ID3
floating or driven LOW, VIL and A18-A21 set to ‘1’.
Lock Registers
The Lock Registers control the protection status of
the blocks. Each block has its own Lock Register.
Three bits within each Lock Register control the
protection of each block, the Write Lock Bit, the
Read Lock Bit and the Lock Down Bit.
The Lock Registers can be read and written,
though care should be taken when writing as, once
the Lock Down Bit is set, ‘1’, further modifications
to the Lock Register cannot be made until cleared,
to ‘0’, by a reset or power-up.
See Table 13 for details on the bit definitions of the
Lock Registers.
Write Lock. The
Write
Lock
Bit
determines
whether the contents of the block can be modified
(using the Program or Erase Command). When
the Write Lock Bit is set, ‘1’, the block is write pro-
tected; any operations that attempt to change the
data in the block will fail and the Status Register
will report the error. When the Write Lock Bit is re-
set, ‘0’, the block is not write protected through the
Lock Register and may be modified unless write
protected through some other means.
When VPP is less than VPPLK all blocks are pro-
tected and cannot be modified, regardless of the
state of the Write Lock Bit. If Top Block Lock, TBL,
is Low, VIL, then the Top Block (Block 6) is write
protected and cannot be modified. Similarly, if
Write Protect, WP, is Low, VIL, then the blocks 0 to
5 are write protected and cannot be modified.
After power-up or reset the Write Lock Bit is al-
ways set to ‘1’ (write protected).
Read Lock. The
Read
Lock
bit
determines
whether the contents of the block can be read
(from Read mode). When the Read Lock Bit is set,
‘1’, the block is read protected; any operation that
attempts to read the contents of the block will read
00h instead. When the Read Lock Bit is reset, ‘0’,
read operations in the block return the data pro-
grammed into the block as expected.
After power-up or reset the Read Lock Bit is al-
ways reset to ‘0’ (not read protected).
Lock Down. The Lock Down Bit provides a
mechanism for protecting software data from sim-
ple hacking and malicious attack. When the Lock
Down Bit is set, ‘1’, further modification to the
Write Lock, Read Lock and Lock Down Bits cannot
be performed. A reset or power-up is required be-
fore changes to these bits can be made. When the
Lock Down Bit is reset, ‘0’, the Write Lock, Read
Lock and Lock Down Bits can be changed.
General Purpose Input Register
The General Purpose Input Register holds the
state of the General Purpose Input pins, GPI0-
GPI4. When this register is read, the state of these
pins is returned. This register is read-only and writ-
ing to it has no effect.
The signals on the General Purpose Input pins
should remain constant throughout the whole Bus
Read cycle in order to guarantee that the correct
data is read.
Table 12. Low Pin Count Register Configuration Map (1)
Note: 1. This map is referred to the boot memory (ID0-ID3 floating or driven, LOW, VIL and A18-A21 set to ‘1’).
Mnemonic
Register Name
Memory
Address
Default
Value
Access
T_BLOCK_LK
Top Block Lock Register (Block 6)
FFBFC002h
01h
R/W
T_MINUS01_LK
Top Block [-1] Lock Register (Block 5)
FFBFA002h
01h
R/W
T_MINUS02_LK
Top Block [-2] Lock Register (Block 4)
FFBF8002h
01h
R/W
T_MINUS03_LK
Top Block [-3] Lock Register (Block 3)
FFBF0002h
01h
R/W
T_MINUS04_LK
Top Block [-4] Lock Register (Block 2)
FFBE0002h
01h
R/W
T_MINUS05_LK
Top Block [-5] Lock Register (Block 1)
FFBD0002h
01h
R/W
T_MINUS06_LK
Top Block [-6] Lock Register (Block 0)
FFBC0002h
01h
R/W
GPI_REG
General Purpose Input Register
FFBC0100h
N/A
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com