Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZFG Datasheet(PDF) 157 Page - Texas Instruments

Part # AM261...ZFG
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZFG Datasheet(HTML) 157 Page - Texas Instruments

Back Button AM261...ZFG Datasheet HTML 153Page - Texas Instruments AM261...ZFG Datasheet HTML 154Page - Texas Instruments AM261...ZFG Datasheet HTML 155Page - Texas Instruments AM261...ZFG Datasheet HTML 156Page - Texas Instruments AM261...ZFG Datasheet HTML 157Page - Texas Instruments AM261...ZFG Datasheet HTML 158Page - Texas Instruments AM261...ZFG Datasheet HTML 159Page - Texas Instruments AM261...ZFG Datasheet HTML 160Page - Texas Instruments AM261...ZFG Datasheet HTML 161Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 218 page
background image
(6)
Minimum and maximum delay times for OSPI_D[7:0] outputs are not defined when Data Training is used to find the optimum data valid
window.
tO4t
tO3t
tO5t
tO2t
tO1t
O6
O6
OSPI_CSn
OSPI_CLK
OSPI_D[i:0]
Figure 6-50. OSPI Switching Characteristics – PHY DDR Data Training
6.11.5.13.2.2 OSPI0 Without Data Training
Note
Timing parameters defined in this section are only applicable for the OSPI0 interface when data
training is not implemented and DLL delays are configured as described in OSPI0 DLL Delay Mapping
for PHY SDR Timing Modes and OSPI0 DLL Delay Mapping for PHY DDR Timing Modes.
6.11.5.13.2.2.1 OSPI0 PHY SDR Timing
6.11.5.13.2.2.1.1 OSPI0 DLL Delay Mapping for PHY SDR Timing Modes
MODE
OSPI_PHY_CONFIGURATION_REG BIT
FIELD
DELAY VALUE
Transmit
1.8V
PHY_CONFIG_TX_DLL_DELAY_FLD
0x23
3.3V
PHY_CONFIG_TX_DLL_DELAY_FLD
0x2F
Receive
1.8V, Internal PHY Loopback
PHY_CONFIG_RX_DLL_DELAY_FLD
0x3C
3.3V, Internal PHY Loopback
PHY_CONFIG_RX_DLL_DELAY_FLD
0x32
1.8V, External Board Loopback
PHY_CONFIG_RX_DLL_DELAY_FLD
0x0
3.3V, External Board Loopback
PHY_CONFIG_RX_DLL_DELAY_FLD
0x0
6.11.5.13.2.2.1.2 OSPI0 Timing Requirements - PHY SDR Mode
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
O19
tsu(D-CLK)
Setup time, OSPI_D[7:0] valid
before active OSPI_CLK edge
1.8V, SDR with
Internal PHY
Loopback
6
ns
3.3V, SDR with
Internal PHY
Loopback
7
ns
O20
th(CLK-D)
Hold time, OSPI_D[7:0] valid after
active OSPI_CLK edge
1.8V, SDR with
Internal PHY
Loopback
0.25
ns
3.3V, SDR with
Internal PHY
Loopback
0
ns
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
157
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com