Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZFG Datasheet(PDF) 89 Page - Texas Instruments

Part # AM261...ZFG
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZFG Datasheet(HTML) 89 Page - Texas Instruments

Back Button AM261...ZFG Datasheet HTML 85Page - Texas Instruments AM261...ZFG Datasheet HTML 86Page - Texas Instruments AM261...ZFG Datasheet HTML 87Page - Texas Instruments AM261...ZFG Datasheet HTML 88Page - Texas Instruments AM261...ZFG Datasheet HTML 89Page - Texas Instruments AM261...ZFG Datasheet HTML 90Page - Texas Instruments AM261...ZFG Datasheet HTML 91Page - Texas Instruments AM261...ZFG Datasheet HTML 92Page - Texas Instruments AM261...ZFG Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 218 page
background image
6.8 Electrical Characteristics
Note
The interfaces or signals described in Digital and Analog IO Electrical Characteristics correspond to
the interfaces or signals available in multiplexing mode 0 (Primary Function).
All interfaces or signals multiplexed on the balls described in these tables have the same DC electrical
characteristics, unless multiplexing involves a PHY and GPIO combination, in which case different DC
electrical characteristics are specified for the different multiplexing modes (Functions).
AM261x has 1.8V or 3.3V compatible IOs based on supply connected to VDDS1833_FLASH0 and
VDDS1833_FLASH1. Electrical characteristics of 1.8V IOs will be updated in future revisions of this
data sheet.
6.8.1 Digital and Analog IO Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
PORz IO
VIH
High-Level Input Voltage
1.35
V
VIL
Low-Level Input Voltage
0.5
V
VHYS
Hysteresis Voltage at an Input
0.070
V
IL
Input Leakage Current
–2
2
µA
Warm Reset IO
VIH
High-Level Input Voltage
2.15
V
VIL
Low-Level Input Voltage
0.55
V
VHYS
Hysteresis Voltage at an Input
0.347
V
VOL
Low Level Output Voltage, Driver Enabled: IOL = 6mA
0.45
V
IL
Input Leakage Current, Receiver Disabled, Pull Disabled
–57
µA
TCK IO
VIH
High-Level Input Voltage
2.15
V
VIL
Low-Level Input Voltage
0.55
V
VHYS
Hysteresis Voltage at an Input
0.4
V
IL
Input Leakage Current, Receiver Disabled, Pull Disabled
–3.9
8.9
17.2
µA
Input Leakage Current, Receiver Disabled, Pullup Enabled
106.9
128.2
µA
Input Leakage Current, Receiver Disabled, Pulldown
Enabled
100.3
130.3
µA
I2C OD IOs
VIH
High-Level Input Voltage
2
V
VIL
Low-Level Input Voltage
0.55
V
VHYS
Hysteresis Voltage at an Input
0.165
V
IL
Input Leakage Current, Receiver Disabled, Pull Disabled
–18
18
µA
VOL
Low Level Output Voltage, Driver Enabled: IOL = 3mA
0.45
V
All Other LVCMOS
VIH
High-Level Input Voltage
2
V
VIL
Low-Level Input Voltage
0.55
V
VHYS
Hysteresis Voltage at an Input
0.265
V
VOL
Low Level Output Voltage, Driver Enabled: IOL = 6mA
0.45
V
VOH
High Level Output Voltage, Driver Enabled: IOH = 6mA
VDDS33(1) – 0.45
V
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
89
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com