Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZFG Datasheet(PDF) 72 Page - Texas Instruments

Part # AM261...ZFG
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZFG Datasheet(HTML) 72 Page - Texas Instruments

Back Button AM261...ZFG Datasheet HTML 68Page - Texas Instruments AM261...ZFG Datasheet HTML 69Page - Texas Instruments AM261...ZFG Datasheet HTML 70Page - Texas Instruments AM261...ZFG Datasheet HTML 71Page - Texas Instruments AM261...ZFG Datasheet HTML 72Page - Texas Instruments AM261...ZFG Datasheet HTML 73Page - Texas Instruments AM261...ZFG Datasheet HTML 74Page - Texas Instruments AM261...ZFG Datasheet HTML 75Page - Texas Instruments AM261...ZFG Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 218 page
background image
Table 5-44. Power Supply Signal Descriptions (continued)
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
VSS
GND Ground
A1, A18, E10,
E12, E13,
E14, E5, E6,
E7, E8, F10,
F12, F13,
F14, F5, F6,
F7, F8, G10,
G11, G12,
G7, G8, G9,
H10, H11,
H12, H13,
H14, H5, H6,
H7, H8, H9,
J10, J11, J12,
J13, J14, J5,
J6, J7, J8, J9,
K10, K11,
K12, K7, K8,
K9, L10, L11,
L12, L13,
L14, L5, L6,
L7, L8, L9,
M10, M11,
M12, M13,
M14, M5, M6,
M7, M8, M9,
N10, N11,
N12, N7, N8,
N9, P13, P14,
P5, T2, V18
A1, A20, F15,
F6, G10, G11,
G12, G13,
G14, G7, G8,
G9, H10, H11,
H12, H13,
H14, H7, H8,
H9, J10, J11,
J12, J13, J14,
J7, J8, J9,
K10, K11,
K12, K13,
K14, K7, K8,
K9, L10, L11,
L12, L13,
L14, L7, L8,
L9, M10, M11,
M12, M13,
M14, M7, M8,
M9, N10, N11,
N12, N13,
N14, N7, N8,
N9, P10, P11,
P12, P13,
P14, P7, P8,
P9, R14, R15,
R6, V2, V5,
W2, Y1, Y20
A1, A16, E10,
E12, E6, E8,
F10, F11, F5,
F6, F7, F8,
F9, G10, G11,
G12, G6, G7,
G8, G9, H10,
H11, H5, H6,
H7, H8, H9,
J10, J11, J12,
J6, J7, J8, J9,
K10, K11, K5,
K6, K7, K8,
K9, L10, L11,
L12, L6, L7,
L8, L9, M5,
M7, R2, R3,
R4, T1, T16
A1, A19, D16,
D4, E15, E5,
F10, F11,
F12, F13,
F14, F6, F7,
F8, F9, G10,
G11, G12,
G13, G14,
G6, G7, G8,
G9, H10, H11,
H12, H13,
H14, H6, H7,
H8, H9, J10,
J11, J12, J13,
J14, J6, J7,
J8, J9, K10,
K11, K12,
K13, K14, K6,
K7, K8, K9,
L10, L11, L12,
L13, L14, L6,
L7, L8, L9,
M10, M11,
M12, M13,
M14, M6, M7,
M8, M9, N10,
N11, N12,
N13, N14, N6,
N7, N8, N9,
P10, P11,
P12, P13,
P14, P6, P7,
P8, P9, R14,
R5, R8, T4,
U2, V2, V3,
W1, W19
VSSA
AGND Analog Ground
P10, P12, P6,
P8, R13, R5,
V1, V16
R12, R9
M11, M9
R10, R12
(1)
See Recommended Operating Conditions for more information about the core voltage for a specific device.
(2)
See the Layout Guidelines sections for details on connecting this pin.
(3)
PCB should directly route VDDS18_LDO to all of the VDDS18 pins.
(4)
On AM261x, the Analog LDO is connected internally to the 1.8V analog supply and therefore functions as a regular 1.8V output.
5.3.18 PRU-ICSS
Table 5-45. PRU-ICSS ECAP Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
PR0_ECAP0_APWM_OUT
O
PRU-ICSS Enhanced Capture
(ECAP) Input or ECAP Auxiliary
PWM (APWM) Output
D14
C16
A15
PR1_ECAP0_APWM_OUT
O
PRU-ICSS Enhanced Capture
(ECAP) Input or ECAP Auxiliary
PWM (APWM) Output
D14
C16
A15
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
72
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com