Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZFG Datasheet(PDF) 8 Page - Texas Instruments

Part # AM261...ZFG
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZFG Datasheet(HTML) 8 Page - Texas Instruments

Back Button AM261...ZFG Datasheet HTML 4Page - Texas Instruments AM261...ZFG Datasheet HTML 5Page - Texas Instruments AM261...ZFG Datasheet HTML 6Page - Texas Instruments AM261...ZFG Datasheet HTML 7Page - Texas Instruments AM261...ZFG Datasheet HTML 8Page - Texas Instruments AM261...ZFG Datasheet HTML 9Page - Texas Instruments AM261...ZFG Datasheet HTML 10Page - Texas Instruments AM261...ZFG Datasheet HTML 11Page - Texas Instruments AM261...ZFG Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 218 page
background image
4 Package Comparison
Table 4-1 shows a comparison between devices based on packages, highlighting the differences.
Table 4-1. Package Comparison
Packages
Features
Reference Name
AM261...ZCZ
AM261...ZCZ-Q1
AM261...ZFG
AM261...ZEJ
AM261...ZEJ-Q1
AM261...ZNC
PROCESSORS AND ACCELERATORS
Speed Grade
Up to 500MHz, See Operating Performace Points for more details
Arm® Cortex-R5F
R5FSS
AM2612 and AM2612-Q1 : 2 cores (1× Dual Core with Lockstep option)
AM2611 and AM2611-Q1 : 1 core (Single Core)
Trigonometric Math Unit
TMU
Yes
Hardware Security Module
HSM
Yes
Crypto Accelerators
Security
Yes
PROGRAM AND DATA STORAGE
On-Chip Shared Memory (RAM)
OCSRAM
Up to 1.5MB, See Operating Performace Points for more details
R5F Tightly Coupled Memory (TCM)
TCM
Up to 512KB(1)
PERIPHERALS
Analog-to-Digital Converter
ADC
3x 6-ch
3x 7-ch
2x 7-ch
Comparator Modules
CMPSS
9
6
Gigabit Ethernet Interface
CPSW
Yes
Digital-to-Analog Converter
DAC
1
Enhanced Capture Module
ECAP
8
Enhanced High Resolution Pulse Width
Modulation
EHRPWM
10x 20-ch
Enhanced Quadrature Encoder Pulse
Module
EQEP
2
Fast Serial Interface
FSI
1x FSI_RX + 1x FSI_TX
General-Purpose I/O
GPIO
Up to 141 GPIOs
Up to 114 GPIOs
Up to 112 GPIOs
General-Purpose Memory Controller
GPMC
1
Not Available
Inter-Integrated Circuit Interface
I2C
3
Local Interconnect Network
LIN
3
Modular Controller Area Network Iwith
Full CAN_FD
MCAN
2
Multi-Media Card/Secure Digital Interface
MMC-SD
1
Not Available
Octal SPI Flash Interface
OSPI
1x OSPI0 with OptiFlash and 1x OSPI1
Programmable Real-Time Unit
Subsystem
PRU
2(2)
Industrial Communication Subsystem
Support
PRU-ICSS
Optional
Sigma Delta Filter Module
SDFM
2x 4-ch
1x 4-ch
3 channels total(3)
Serial Peripheral Interface
SPI
4
2(4)
Universal Asynchronous Receiver and
Transmitter
UART
6
Universal Serial Bus
USB 2.0
USB0 with external VBUS
Miscellaneous
Junction Temperature
Extended Automotive: –40°C to 150°C(5)
Extended Industrial: –40°C to 125°C(6)
Automotive Qualification
AEC-Q100(7)
(1)
The R5FSS cluster supports 512KB of Tightly-Coupled Memory (TCM). When configured as Single-Core or Lockstep operating mode,
individual cores can utilize the entire 512KB of TCM memory, while in Dual-Core mode, each core can only utilize its designated half
(256KB TCM).
(2)
AM261x supports 2 instances of the PRU Subsystem for a total of 4 real-time PRU cores.
(3)
Instead of one or more full instances of the SDFM peripheral, the ZNC package devices have 3 SDFM channels: SDFM0_D2,
SDFM1_D0, and SDFM1_D1.
(4)
ZNC packages devices have SPI0 and SPI2 as useable SPI interfaces.
(5)
Extended Automotive temperature is applicable to select part number variants as indicated by the Automotive Designator (Q1)
identifier in the Nomenclature Description table.
(6)
Extended Industrial temperature is applicable to select part number variants as indicated by the lack of the Automotive Designator (Q1)
identifier in the Nomenclature Description table.
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com