Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZFG Datasheet(PDF) 68 Page - Texas Instruments

Part # AM261...ZFG
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZFG Datasheet(HTML) 68 Page - Texas Instruments

Back Button AM261...ZFG Datasheet HTML 64Page - Texas Instruments AM261...ZFG Datasheet HTML 65Page - Texas Instruments AM261...ZFG Datasheet HTML 66Page - Texas Instruments AM261...ZFG Datasheet HTML 67Page - Texas Instruments AM261...ZFG Datasheet HTML 68Page - Texas Instruments AM261...ZFG Datasheet HTML 69Page - Texas Instruments AM261...ZFG Datasheet HTML 70Page - Texas Instruments AM261...ZFG Datasheet HTML 71Page - Texas Instruments AM261...ZFG Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 218 page
background image
5.3.12 I2C
Table 5-33. I2C0 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
I2C0_SCL (2)
IO
I2C Clock
A13, J3, K15
A15, J1, N20
A13, H15
A13, L18
I2C0_SDA (1)
IO
I2C Data
B13, G15, G4 B15, J18, J2
B12, E14
B13, G19
(1)
I2C0_SDA is implemented with the I2C OD FS (Open Drain Fail Safe) voltage buffer.
(2)
I2C0_SCL is implemented with the I2C OD FS (Open Drain Fail Safe) voltage buffer.
Table 5-34. I2C1 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
I2C1_SCL (2)
IO
I2C Clock
A14, B5, D7,
J1
B16, B6, B9,
K2
B7, C13, G3
A15
I2C1_SDA (1)
IO
I2C Data
A3, B14, C8,
H1
A16, A9, B5,
J3
A8, D13
B15
(1)
I2C1_SDA is implemented with the typical LVCMOS voltage buffer and should be properly configured to operate as an Input/Output
Open Drain signal type.
(2)
I2C1_SCL is implemented with the typical LVCMOS voltage buffer and should be properly configured to operate as an Input/Output
Open Drain signal type.
Table 5-35. I2C2 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
I2C2_SCL (2)
IO
I2C Clock
C6, C7, D11
B4, C7, D15
B13, C8
B14, C9
I2C2_SDA (1)
IO
I2C Data
A5, B7, C12
A7, C14, D8
A7, C12
A14, A9
(1)
I2C2_SDA is implemented with the typical LVCMOS voltage buffer and should be properly configured to operate as an Input/Output
Open Drain signal type.
(2)
I2C2_SCL is implemented with the typical LVCMOS voltage buffer and should be properly configured to operate as an Input/Output
Open Drain signal type.
5.3.13 LIN
Table 5-36. LIN0 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
LIN0_RXD
IO
LIN Receive Data
A7, B12, B6,
G4, L17
A8, B14, B7,
J2, R19
A6, K15
A8, N17
LIN0_TXD
IO
LIN Transmit Data
A12, A4, A6,
J3, L18
A14, A6, B8,
J1, R20
B6, K16
B8, P19
Table 5-37. LIN1 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
LIN1_RXD
IO
LIN Receive Data
A9, J2, L3,
M2
A11, L2, M1,
T3
C10, F3, H1,
M1
A11, G1, J3,
L2
LIN1_TXD
IO
LIN Transmit Data
B9, G1, L2,
M3
B11, K4, N2,
R4
D8, F2, K2,
L1
B10, F2, J2,
M1
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
68
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com