Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM261...ZFG Datasheet(PDF) 76 Page - Texas Instruments

Part # AM261...ZFG
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZFG Datasheet(HTML) 76 Page - Texas Instruments

Back Button AM261...ZFG Datasheet HTML 72Page - Texas Instruments AM261...ZFG Datasheet HTML 73Page - Texas Instruments AM261...ZFG Datasheet HTML 74Page - Texas Instruments AM261...ZFG Datasheet HTML 75Page - Texas Instruments AM261...ZFG Datasheet HTML 76Page - Texas Instruments AM261...ZFG Datasheet HTML 77Page - Texas Instruments AM261...ZFG Datasheet HTML 78Page - Texas Instruments AM261...ZFG Datasheet HTML 79Page - Texas Instruments AM261...ZFG Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 218 page
background image
Table 5-50. SDFM0 Signal Descriptions (continued)
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
SDFM0_CLK3
I
SDFM Channel 3 Clock
A15
B18
B15
SDFM0_D0
I
SDFM Channel 0 Data
D14
C16
A15
SDFM0_D1
I
SDFM Channel 1 Data
D13
B17
C14
SDFM0_D2
I
SDFM Channel 2 Data
C13
A17
A14
A16
SDFM0_D3
I
SDFM Channel 3 Data
C14
D17
B14
Table 5-51. SDFM1 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
SDFM1_CLK0
I
SDFM Channel 0 Clock
B14, B6
A16, B7
D13
B15
SDFM1_CLK1
I
SDFM Channel 1 Clock
B5, C12
B6, C14
C12
A14
SDFM1_CLK2 (2)
I
SDFM Channel 2 Clock
A3, B13
B15, B5
B12
B13
SDFM1_CLK3 (1)
I
SDFM Channel 3 Clock
A13, C6
A15, B4
A13
A13
SDFM1_D0
I
SDFM Channel 0 Data
A14, A16, A4 A19, A6, B16
C13, C16
A15
SDFM1_D1
I
SDFM Channel 1 Data
B15, B4, D11 A18, A5, D15
B13, B16
A17, B14
SDFM1_D2
I
SDFM Channel 2 Data
A15, A2, B12 A4, B14, B18
B15
SDFM1_D3
I
SDFM Channel 3 Data
A12, A5
A14, A7
(1)
SDFM1_CLK3 is implemented with the I2C OD FS (Open Drain Fail Safe) voltage buffer.
(2)
SDFM1_CLK2 is implemented with the I2C OD FS (Open Drain Fail Safe) voltage buffer.
5.3.20 SPI
Table 5-52. SPI0 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
SPI0_CLK
IO
SPI0 Clock
A11, R3
A13, T2
A12, M3
A12, R2
SPI0_CS0
IO
SPI0 Chip Select 0
C11, P1
B13, U4
B11, N3
C13, R1
SPI0_CS1
IO
SPI0 Chip Select 1
B12, B7
B14, D8
A7
A9
SPI0_D0
IO
SPI0 Data 0
C10, M4
B12, T1
A10, L3
B12, P2
SPI0_D1
IO
SPI0 Data 1
B11, P3
C12, U1
A11, N2
B11, P1
Table 5-53. SPI1 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
SPI1_CLK
IO
SPI1 Clock
A10
A12
B10
SPI1_CS0
IO
SPI1 Chip Select 0
C9
D11
B9
SPI1_D0
IO
SPI1 Data 0
B10
D10
A9
SPI1_D1
IO
SPI1 Data 1
D9
C9
C11
Table 5-54. SPI2 Signal Descriptions
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
SPI2_CLK
IO
SPI2 Clock
B9, C14, G1
B11, D17, K4
B14, D8, F2
B10, F2
SPI2_CS0
IO
SPI2 Chip Select 0
A14, A9, M2
A11, B16, M1 C10, C13, H1 A11, A15, J3
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
76
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com